Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGTH00TK65 Datasheet(PDF) 5 Page - Rohm

Part # RGTH00TK65
Description  650V 50A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH00TK65 Datasheet(HTML) 5 Page - Rohm

  RGTH00TK65 Datasheet HTML 1Page - Rohm RGTH00TK65 Datasheet HTML 2Page - Rohm RGTH00TK65 Datasheet HTML 3Page - Rohm RGTH00TK65 Datasheet HTML 4Page - Rohm RGTH00TK65 Datasheet HTML 5Page - Rohm RGTH00TK65 Datasheet HTML 6Page - Rohm RGTH00TK65 Datasheet HTML 7Page - Rohm RGTH00TK65 Datasheet HTML 8Page - Rohm RGTH00TK65 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH00TK65
lElectrical Characteristic Curves
Fig.5 Typical Output Characteristics
Collector To Emitter Voltage : V
CE[V]
Fig.6 Typical Output Characteristics
Collector To Emitter Voltage : V
CE[V]
Fig.7 Typical Transfer Characteristics
Gate To Emitter Voltage : V
GE [V]
Fig.8 Typical Collector To Emitter Saturation Voltage
vs. Junction Temperature
Junction Temperature : T
j [ºC]
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
T
j= 175ºC
V
GE= 20V
V
GE= 12V
V
GE= 10V
V
GE= 8V
V
GE= 15V
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
T
j= 25ºC
V
GE= 20V
V
GE= 15V
V
GE= 12V
V
GE= 10V
V
GE= 8V
0
10
20
30
40
50
60
0
2
4
6
8
10
12
V
CE= 10V
T
j= 25ºC
T
j= 175ºC
0
1
2
3
4
25
50
75
100
125
150
175
I
C= 100A
I
C= 25A
I
C= 50A
V
GE= 15V
5/9
2016.01 - Rev.A


Similar Part No. - RGTH00TK65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
More results

Similar Description - RGTH00TK65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com