Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGTH60TS65 Datasheet(PDF) 1 Page - Rohm

Part # RGTH60TS65
Description  650V 30A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH60TS65 Datasheet(HTML) 1 Page - Rohm

  RGTH60TS65 Datasheet HTML 1Page - Rohm RGTH60TS65 Datasheet HTML 2Page - Rohm RGTH60TS65 Datasheet HTML 3Page - Rohm RGTH60TS65 Datasheet HTML 4Page - Rohm RGTH60TS65 Datasheet HTML 5Page - Rohm RGTH60TS65 Datasheet HTML 6Page - Rohm RGTH60TS65 Datasheet HTML 7Page - Rohm RGTH60TS65 Datasheet HTML 8Page - Rohm RGTH60TS65 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
RGTH60TS65
650V 30A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Operating Junction Temperature
Tj
40 to +175
°C
Storage Temperature
Tstg
55 to +175
°C
Power Dissipation
TC = 25°C
PD
194
W
TC = 100°C
PD
97
W
120
A
Pulsed Collector Current
ICP
*1
Outline
VCES
650V
TO-247N
IC(100°C)
30A
VCE(sat) (Typ.)
1.6V
PD
194W
Features
Inner Circuit
1) Low Collector - Emitter Saturation Voltage
2) High Speed Switching
3) Low Switching Loss & Soft Switching
4) Pb - free Lead Plating ; RoHS Compliant
Packaging Specifications
Applications
Type
Packaging
Tube
PFC
Reel Size (mm)
-
UPS
Tape Width (mm)
-
Power Conditioner
Basic Ordering Unit (pcs)
450
IH
Packing code
C11
Marking
RGTH60TS65
Absolute Maximum Ratings
(at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
Collector Current
TC = 25°C
IC
58
A
TC = 100°C
IC
30
A
(1)(2)(3)
(1) Gate
(2) Collector
(3) Emitter
(1)
(2)
(3)
1/9
2015.10 - Rev.C


Similar Part No. - RGTH60TS65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
More results

Similar Description - RGTH60TS65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com