Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGTH80TS65D Datasheet(PDF) 7 Page - Rohm

Part # RGTH80TS65D
Description  650V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH80TS65D Datasheet(HTML) 7 Page - Rohm

Back Button RGTH80TS65D Datasheet HTML 3Page - Rohm RGTH80TS65D Datasheet HTML 4Page - Rohm RGTH80TS65D Datasheet HTML 5Page - Rohm RGTH80TS65D Datasheet HTML 6Page - Rohm RGTH80TS65D Datasheet HTML 7Page - Rohm RGTH80TS65D Datasheet HTML 8Page - Rohm RGTH80TS65D Datasheet HTML 9Page - Rohm RGTH80TS65D Datasheet HTML 10Page - Rohm RGTH80TS65D Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH80TS65D
Electrical Characteristic Curves
Gate To Emitter Voltage : VGE [V]
Gate To Emitter Voltage : VGE [V]
Collector Current : IC [A]
Fig.12 Typical Switching Time
vs. Gate Resistance
Gate Resistance : RG [Ω]
0
5
10
15
20
510
15
20
Tj= 25ºC
IC= 80A
IC= 20A
IC= 40A
0
5
10
15
20
5
101520
Tj= 175ºC
IC= 80A
IC= 20A
IC= 40A
10
100
1000
0
1020304050
607080
VCC=400V, VGE=15V
RG=10Ω, Tj=175ºC
Inductive load
td(off)
td(on)
tr
tf
10
100
1000
0
1020
304050
tf
td(off)
td(on)
tr
VCC=400V, IC=40A
VGE=15V, Tj=175ºC
Inductive load
Fig.9 Typical Collector To Emitter Saturation Voltage
vs. Gate To Emitter Voltage
Fig.10 Typical Collector To Emitter Saturation Voltage
vs. Gate To Emitter Voltage
Fig.11 Typical Switching Time
vs. Collector Current
7/11
2015.10 - Rev.C


Similar Part No. - RGTH80TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
More results

Similar Description - RGTH80TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGTH80TK65D ROHM-RGTH80TK65D Datasheet
889Kb / 13P
   650V 40A Field Stop Trench IGBT
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
   650V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com