Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508 Datasheet(PDF) 54 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 54 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation RT5508 Datasheet HTML 51Page - Richtek Technology Corporation RT5508 Datasheet HTML 52Page - Richtek Technology Corporation RT5508 Datasheet HTML 53Page - Richtek Technology Corporation RT5508 Datasheet HTML 54Page - Richtek Technology Corporation RT5508 Datasheet HTML 55Page - Richtek Technology Corporation RT5508 Datasheet HTML 56Page - Richtek Technology Corporation RT5508 Datasheet HTML 57Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
54
Application Information
Inductor Selection
The recommended value of inductor for DC-to-DC
boost converter applications is 1
H. Small size and
better efficiency are the major concerns for portable
devices, such as the RT5508 used for mobile phone.
The inductor should have low core loss at 1MHz (Min.)
and low DCR for better efficiency. The minimum
effective inductance should be higher than 0.7
H.
The maximum current of inductor is highly depends on
the speaker impedance which determines the output
current of the boost converter. The inductor saturation
current rating should be considered to cover the
inductor peak current which can be approximated by
the following equation :
OUT
OUT
IN
S
L_max
IN
Boost
V
I
V
D T
I
=
+
η V
2 L
 

Following is the inductor selection reference for typical
speaker impedances with 10% tolerance and 95%
efficient.
RL (Ω)
IOUT (A)
IL(max) (A)
Manufacturer
Part Number
8
1.14
1.43
Murata
MDT2520-CN1ROM
6
1.52
1.81
Coilcraft
PFL2512-102MEB
4
2.28
2.57
Coilcraft
LPS4012-102NLB
Capacitor Selection
For low ripple voltage, ceramic capacitors with low ESR
are recommended. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series
with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor
in the circuit. X5R and X7R types are suitable because
of their wide voltage range and good operating
temperature characteristics. The capacitance value
decreases over the DC-biasing voltage range (30% to
70% decrease) as following figure. Consequently, the
nominal DC rating of the capacitor should be close to
twice the maximum application voltage value. When
select
capacitor,
please
notice
the
DC
bias
characteristics. The RT5508 minimum effective CVBST
capacitance should be higher than 6
F.
Worst X5R & Y5V Capacitance vs. DCV re. Voltage Rating
0%
20%
40%
60%
80%
100%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
DC Voltage Relative to DCV Rating
X5R
Y5V


Similar Part No. - RT5508

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
RT5509WSC RICHTEK-RT5509WSC Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
   Power Transistor
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
   Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
   Power Transistor
More results

Similar Description - RT5508

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
   Piezo Speaker Amplifier
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
logo
Toshiba Semiconductor
TA7317P TOSHIBA-TA7317P Datasheet
176Kb / 3P
   PROTECTION CIRCUIT FOR OCL POWER AMPLIFIER AND SPEAKER
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com