Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9737 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9737
Description  5V Capable Low-Voltage DPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9737 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9737 Datasheet HTML 1Page - Richtek Technology Corporation RT9737 Datasheet HTML 2Page - Richtek Technology Corporation RT9737 Datasheet HTML 3Page - Richtek Technology Corporation RT9737 Datasheet HTML 4Page - Richtek Technology Corporation RT9737 Datasheet HTML 5Page - Richtek Technology Corporation RT9737 Datasheet HTML 6Page - Richtek Technology Corporation RT9737 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RT9737
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS9737-00
February
2014
4
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Digital I/O
Input Logic-Hi Threshold
VIH
1.4
--
--
V
Input Logic-Low Threshold
VIL
--
--
0.4
V
Input Leakage Current
SEL = 0V or VDDEN
0.1
--
0.1
A
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guarantee by design.
Typical Application Circuit
SEL
OUTA
OUTB
VDDEN
INA1
INB1
INA2
INB2
GND
Audio
Amplifier 1
Audio
Amplifier 2
Audio
Connector
RT9737
0.1
μF
2.5 to 5.5V
A1
A2
A3
B3
B1
C1
C2
C3
B2
CVDDEN


Similar Part No. - RT9737

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
   Charging System Safety Device
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
RT9736AGQW RICHTEK-RT9736AGQW Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
More results

Similar Description - RT9737

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
logo
Alpha & Omega Semicondu...
AOZ6274 AOSMD-AOZ6274 Datasheet
434Kb / 9P
   0.3ohm Low-Voltage Dual-DPDT Analog Switch
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
   0.35ohm Low-Voltage Dual-DPDT Analog Switch
logo
Vishay Siliconix
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
   Low-Voltage, Low ON, Dual DPDT Analog Switch
Rev. A, 26-May-03
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. B, 03-Mar-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com