Part Name
         Description
M52780-XXXSP

 I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR ( 38 Page)


MITSUBISHI
100% 
Zoom Out Zoom In
 6 page
background image
MITSUBISHI<LINEAR IC>
M52780-XXXSP
MITSUBISHI
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY
MONITOR
TENTATIVE
38
1999. 7.27
Timing requirement of I2C
tR, tF
tBUF
tLOW
tHIGH
tHD:DAT
tSU:DAT
SDA
SCL
VIH
VIL
VIH
VIL
tHD:STA
tSU:STA
tSU:STO
SS
P
S
6
parameter
symbol
MIN
MAX
units
Input voltage LOW
Input voltage HIGH
SCL clock frequency
Time the bus must be free before a new transmission can start
Hold time start condition.After this period the first clock pulse is
generated
The LOW period of the clock
The HIGH period of the clock
Set up time for start condition(Only rerevant for a repeated start condition)
Hold time for I2C devices
Set-up time DATA
Rise time of both SDA and SCL
Fall time of both SDA and SCL
Set-up time for stop condition
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
VIL
VIH
-0.5
1.5
V
3.0
5.5
V
0
100
KHz
4.7
4.0
4.7
4.0
4.7
0
250
1000
300
4.0
µs
ns
ns
ns
-
-
-
-
-
-
-
-
-
-
µs
µs
µs
µs
µs
µs
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M61314SPI2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61311SPI2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52746SPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M61301SPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52745SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52742ASPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52742SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
2SC5404NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl