Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5236B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5236B
Description  500mW, SOD-123 Series Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5236B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5236B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5236B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5236B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MMSZ52xxB Series
500mW, SOD-123 Series
Surface Mount Zener Diodes
08-Sep-2016 Rev. H
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar die construction
500Mw power dissipation
General purpose and medium current
Ideally suited for automated assembly processes
APPLICATIONS
Zener diode
Ultra small surface mount package
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward Voltage@ IF=10mA
VF
0.9
V
Power Dissipation
PD
500
mW
Thermal Resistance from Junction to Ambient Air
RθJA
350
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -65~150
°C
Notes:
1.
The device is mounted on a ceramic PCB: 7.6mm x 9.4mm x 0.87mm with 25 mm
2 pad areas.
2.
Tested with pulses: Tp≦1ms.
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25


Similar Part No. - MMSZ5236B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5236B PANJIT-MMSZ5236B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
MMSZ5236B DIOTECH-MMSZ5236B Datasheet
889Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5236B PANJIT-MMSZ5236B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5236B DIOTEC-MMSZ5236B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5236B PANJIT-MMSZ5236B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5236B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com