Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z24V Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z24V
Description  Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z24V Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z24V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z24V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z24V Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
MM3Z SERIES
Standard Zener Breakdown Voltage 2.4V~39V
200mW Steady State Power Rating
28-Apr-2014 Rev. C
Page 3 of 3
ELECTRICAL CHARACTERISTIC(TA =25°C unless otherwise specified)
ZENER VOLTAGE RANGE
(Note 2)
VZ
MAXIMUM
ZENER
IMPEDANCE
(Note 3)
MAXIMUM
REVERSE
CURRENT
(Note 2)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
@ IZT = 5 mA
Min
Nom
Max
IZT
ZZT@IZT
ZZK@IZK
IR @ VR
Min
Max
TYPE
NUMBER
MARKING
CODE
V
V
V
mA
mA
μA
V
mV / °C
MM3Z3V0
02,W2
2.8
3.0
3.2
5
95
600
1
10
1
-3.5
0
MM3Z3V3
05,W3
3.1
3.3
3.5
5
95
600
1
5
1
-3.5
0
MM3Z3V6
06,W4
3.4
3.6
3.8
5
90
600
1
5
1
-3.5
0
MM3Z3V9
07,W5
3.7
3.9
4.1
5
90
600
1
3
1
-3.5
0
MM3Z4V3
08,W6
4.0
4.3
4.6
5
90
600
1
3
1
-3.5
0
MM3Z4V7
09,W7
4.4
4.7
5.0
5
80
500
1
3
2
-3.5
0.2
MM3Z5V1
0A,W8
4.8
5.1
5.4
5
60
480
1
2
2
-2.7
1.2
MM3Z5V6
0C,W9
5.2
5.6
6.0
5
40
400
1
1
2
-2
2.5
MM3Z6V2
0E,WA
5.8
6.2
6.6
5
10
150
1
3
4
0.4
3.7
MM3Z6V8
0F,WB
6.4
6.8
7.2
5
15
80
1
2
4
1.2
4.5
MM3Z7V5
0G,WC
7.0
7.5
7.9
5
15
80
1
1
5
2.5
5.3
MM3Z8V2
0H,WD
7.7
8.2
8.7
5
15
80
1
0.7
5
3.2
6.2
MM3Z9V1
0K,WE
8.5
9.1
9.6
5
15
100
1
0.5
6
3.8
7
MM3Z10V
0L,WF
9.4
10
10.6
5
20
150
1
0.2
7
4.5
8
MM3Z11V
0M,WG
10.4
11
11.6
5
20
150
1
0.1
8
5.4
9
MM3Z12V
0N,WH
11.4
12
12.7
5
25
150
1
0.1
8
6
10
MM3Z13V
0P,WI
12.4
13
14.1
5
30
170
1
0.1
8
7
11
MM3Z15V
0T,WJ
13.8
15
15.6
5
30
200
1
0.1
10.5
9.2
13
MM3Z16V
0U,WK
15.3
16
17.1
5
40
200
1
0.1
11.2
10.4
14
MM3Z18V
0W,WL
16.8
18
19.1
5
45
225
1
0.1
12.6
12.4
16
MM3Z20V
0Z,WM
18.8
20
21.2
5
55
225
1
0.1
14.0
14.4
18
MM3Z22V
10,WN
20.8
22
23.3
5
55
250
1
0.1
15.4
16.4
20
MM3Z24V
11,WO
22.8
24
25.6
5
70
250
1
0.1
16.8
18.4
22
MM3Z27V
12,WP
25.1
27
28.9
2
80
300 0.5
0.1
18.9
21.4
25.3
MM3Z30V
14,WQ
28
30
32
2
80
300 0.5
0.1
21.0
24.4
29.4
MM3Z33V
18,WR
31
33
35
2
80
325 0.5
0.1
23.1
27.4
33.4
MM3Z36V
19,WS
34
36
38
2
90
350 0.5
0.1
25.2
30.4
37.4
MM3Z39V
20,WT
37
39
41
2
130
350 0.5
0.1
27.3
33.4
41.2
Notes:
1.
Valid provided that device terminals are kept at ambient temperature..
2.
Test with pulses. Period = 5 ms, pulse width =300 μs
3.
f = 1 K Hz


Similar Part No. - MM3Z24V

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM3Z24V WEITRON-MM3Z24V Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z24V SECOS-MM3Z24V Datasheet
198Kb / 3P
   Surface Mount Zener Diode
logo
YENYO TECHNOLOGY Co., L...
MM3Z24V YENYO-MM3Z24V Datasheet
387Kb / 4P
   ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z24V LEIDITECH-MM3Z24V Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Fairchild Semiconductor
MM3Z24VB FAIRCHILD-MM3Z24VB Datasheet
490Kb / 6P
   Zener Diodes
More results

Similar Description - MM3Z24V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM3Z SECOS-MM3Z_15 Datasheet
220Kb / 3P
   200mW Steady State Power Rating
logo
Leshan Radio Company
LUDZS2.0BT1G LRC-LUDZS2.0BT1G Datasheet
133Kb / 5P
   High demand voltage range Steady State Power Rating of 200 mW
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
   Zener voltage regulator diodes 1 Watt Steady State
S-SZAF2.4A LRC-S-SZAF2.4A Datasheet
232Kb / 4P
   Zener voltage regulator diodes 1 Watt Steady State
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Leshan Radio Company
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com