Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5247B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5247B
Description  300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5247B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5247B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5247B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5247B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ5247B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBZ5247B Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
MMBZ52xxB Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
05-Aug-2011 Rev. D
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part
Number
Marking
Code
Nom (V)
Min (V)
Max (V)

mA
mA
A
V
300 mW Zener Diodes
MMBZ5250B
J5 / KJ5 / 81A
20
19.00
21.00
25
6.2
600
0.25
0.1
15.0
MMBZ5251B
K1 / KK1 / 81B
22
20.90
23.10
29
5.6
600
0.25
0.1
17.0
MMBZ5252B
K2 / KK2 / 81C
24
22.80
25.20
33
5.2
600
0.25
0.1
18.0
MMBZ5253B
K3 / 81D
25
23.75
26.25
35
5
600
0.25
0.1
19.0
MMBZ5254B
K4 / KK4 / 81E
27
25.65
28.35
41
5.0
600
0.25
0.1
21.0
MMBZ5255B
K5 / KK5 / 81F
28
26.60
29.40
44
4.5
600
0.25
0.1
21.0
MMBZ5256B
M1 / KM1 /
81G
30
28.50
31.50
49
4.2
600
0.25
0.1
23.0
MMBZ5257B
M2 / KM2 /
81H
33
31.35
34.65
58
3.8
700
0.25
0.1
25.0
MMBZ5258B
M3 / KM3 / 81J
36
34.20
37.80
70
3.4
700
0.25
0.1
27.0
MMBZ5259B
M4 / KM4 / 81K
39
37.05
40.95
80
3.2
800
0.25
0.1
30.0


Similar Part No. - MMBZ5247B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBZ5247B FAIRCHILD-MMBZ5247B Datasheet
204Kb / 6P
   Zeners
logo
SHENZHEN YONGERJIA INDU...
MMBZ5247B WINNERJOIN-MMBZ5247B Datasheet
137Kb / 2P
   SOT-23 Plastic-Encapsulate Diode
logo
Shanghai Lunsure Electr...
MMBZ5247B CHENYI-MMBZ5247B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
MMBZ5247B SUNMATE-MMBZ5247B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5247B FAIRCHILD-MMBZ5247B Datasheet
57Kb / 4P
   Zeners
More results

Similar Description - MMBZ5247B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
BZX84CXXXW SECOS-BZX84CXXXW Datasheet
58Kb / 2P
   200 mW SOT-323 Series Surface Mount Zener Voltage Regulator Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
   Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com