Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3100 Datasheet(PDF) 11 Page - RF Monolithics, Inc

Part # TR3100
Description  433.92 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR3100 Datasheet(HTML) 11 Page - RF Monolithics, Inc

Back Button TR3100 Datasheet HTML 4Page - RF Monolithics, Inc TR3100 Datasheet HTML 5Page - RF Monolithics, Inc TR3100 Datasheet HTML 6Page - RF Monolithics, Inc TR3100 Datasheet HTML 7Page - RF Monolithics, Inc TR3100 Datasheet HTML 8Page - RF Monolithics, Inc TR3100 Datasheet HTML 9Page - RF Monolithics, Inc TR3100 Datasheet HTML 10Page - RF Monolithics, Inc TR3100 Datasheet HTML 11Page - RF Monolithics, Inc TR3100 Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Pin
Name
Description
15
PWIDTH
The PWIDTH pin sets the width of the ON pulse to the first RF amplifier tPW1 with a resistor RPW to ground (the ON
pulse width to the second RF amplifier tPW2 is set at 1.1 times the pulse width to the first RF amplifier). The ON
pulse width tPW1 can be adjusted between 0.55 and 1 µs with a resistor value in the range of 200 K to 390 K. The
value of RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
A ±5% resistor value is recommended. When this pin is connected to Vcc througha1M resistor, the RF amplifi-
ers operate at a nominal 50%-50% duty cycle, facilitating high data rate operation. In this case, the RF amplifier
ON times are controlled by the PRATE resistor as described above. It is important to keep the total capacitance
between ground, Vcc and this node to less than 5 pF to maintain stability. When using the high data rate operation
with the sleep mode, connect the 1 M resistor between this pin and CNTRL1 (Pin 17), so this pin is low in the
sleep mode.
16
VCC2
VCC2 is the positive supply voltage pin for the receiver RF section and transmitter oscillator. Pin 16 must be by-
passed with an RF capacitor, and must also be bypassed witha1to10µF tantalum or electrolytic capacitor. See
the ASH Transceiver Designer’s Guide for additional information.
17
CNTRL1
CNTRL1 and CNTRL0 select the receive and transmit modes. CNTRL1 and CNTRL0 both high place the unit in
the receive mode. CNTRL1 high and CNTRL0 low place the unit in the ASK transmit mode (TR3100). CNTRL1
low and CNTRL0 high place the unit in the OOK transmit mode. CNTRL1 and CNTRL0 both low place the unit in
the power-down (sleep) mode. CNTRL1 is a high-impedance input (CMOS compatible). An input voltage of 0 to
300 mV is interpreted as a logic low. An input voltage of Vcc - 300 mV or greater is interpreted as a logic high. An
input voltage greater than Vcc + 200 mV should not be applied to this pin. A logic high requires a maximum
source current of 40 µA. A logic low requires a maximum sink current of 25 µA (1 µA in sleep mode). This pin
must be held at a logic level; it cannot be left unconnected.
18
CNTRL0
CNTRL0 is used with CNTRL1 to control the receive and transmit modes of the transceiver. CNTRL0 is a
high-impedance input (CMOS compatible). An input voltage of 0 to 300 mV is interpreted as a logic low. An input
voltage of Vcc - 300 mV or greater is interpreted as a logic high. An input voltage greater than Vcc + 200 mV
should not be applied to this pin. A logic high requires a maximum source current of 40 µA. A logic low requires a
maximum sink current of 25 µA (1 µA in sleep mode). This pin must be held at a logic level; it cannot be left un-
connected.
19
GND3
GND3 is an IC ground pin. It should be connected to GND1 by a short, low inductance trace.
20
RFIO
RFIO is the RF input/output pin. This pin is connected directly to the SAW filter transducer. Antennas presenting
an impedance in the range of 35 to 72 ohms resistive can be satisfactorily matched to this pin with a series match-
ing coil and a shunt matching/ESD protection coil. Other antenna impedances can be matched using two or three
components. For some impedances, two inductors and a capacitor will be required. A DC path from RFIO to
ground is required for ESD protection.
11
S M - 2 0H P C B P ad L ayou t
D i m e ns i o ns i n i n c hes .
.0 9
.3 7 0
0. 000
.0 6 5
.1 0 5
.1 4 5
.1 8 5
.2 2 5
.2 6 5
.3 0 5
.3 4 5
.4 3 5


Similar Part No. - TR3100

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
TANDA UK Limited.
TR3100-NB TANDAUK-TR3100-NB Datasheet
3Mb / 1P
   NB-IoT Gas Detector
More results

Similar Description - TR3100

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3000 RFM-TR3000 Datasheet
86Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
   433.92 MHz Hybrid Transmitter
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
   433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com