Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81302DT20AGD-633 Datasheet(PDF) 10 Page - GSI Technology

Part # GS81302DT20AGD-633
Description  Dual Double Data Rate interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT20AGD-633 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS81302DT20AGD-633 Datasheet HTML 6Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 7Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 8Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 9Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 10Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 11Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 12Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 13Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.9
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
10/26
© 2017, GSI Technology
GS81302DT20/38AGD-633/550/500/450
Preliminary
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
VDD
V
Reference Voltage
VREF
VDDQ/2 – 0.05
VDDQ/2 + 0.05
V
Notes:
The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power
down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Junction Temperature
(Commercial Range Versions)
TJ
0
25
85
C
Junction Temperature
(Industrial Range Versions)*
TJ
–40
25
100
C
Note:
* The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications
quoted are evaluated for worst case in the temperature range marked on the device.


Similar Part No. - GS81302DT20AGD-633

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302DT20AGD-633I GSI-GS81302DT20AGD-633I Datasheet
452Kb / 26P
   Dual Double Data Rate interface
More results

Similar Description - GS81302DT20AGD-633

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS8662D06BD-350 GSI-GS8662D06BD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D06GE-450I GSI-GS81302D06GE-450I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com