Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE350CA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KE350CA
Description  Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KE350CA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  P4KE350CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KE350CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KE350CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
P4KE SERIES
Voltage 6.8V ~ 440V
400 Peak Power / 1.0W Steady State
400W Peak Power TVS
26-Oct-2009 Rev. C
Page 2 of 3
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,Ta (℃ )
TJ = TJ max.
8.3 ms Single Half Sine-Wav e
0
10
20
30
40
50
1
10
100
Number of Cy cles at 60 Hz
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
Lead Temperature , T
L
(℃ )
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width, td
0.1µs
1µs
10µs
100µs
1ms
10ms
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is def ined as the
point where the peak current decay s
to 50 % of IPPM
10/1000 µsec. Wav ef orm
as def ined by R.E.A.
Tr=10µs
Peak Value ,
(Ipp)
Half Value = Ipp
2
td
TYPICAL CHARACTERISTICS
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Fig. 3 - Steady State Power Derating
Fig. 4 - Peak Pulse Power Rating
Fig. 5 - Pulse Pulse Waveform


Similar Part No. - P4KE350CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P4KE350CA HY-P4KE350CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Pan Jit International I...
P4KE350CA PANJIT-P4KE350CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
CHENG-YI ELECTRONIC CO....
P4KE350CA CHENG-YI-P4KE350CA Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE350CA LUGUANG-P4KE350CA Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Jinan Jing Heng Electro...
P4KE350CA JINGHENG-P4KE350CA Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
More results

Similar Description - P4KE350CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com