Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2300IPAG Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2300IPAG
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2300IPAG Datasheet(HTML) 1 Page - Texas Instruments

  TSC2300IPAG Datasheet HTML 1Page - Texas Instruments TSC2300IPAG Datasheet HTML 2Page - Texas Instruments TSC2300IPAG Datasheet HTML 3Page - Texas Instruments TSC2300IPAG Datasheet HTML 4Page - Texas Instruments TSC2300IPAG Datasheet HTML 5Page - Texas Instruments TSC2300IPAG Datasheet HTML 6Page - Texas Instruments TSC2300IPAG Datasheet HTML 7Page - Texas Instruments TSC2300IPAG Datasheet HTML 8Page - Texas Instruments TSC2300IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
www.ti.com
TSC2300
SLAS372 — NOVEMBER 2002
PROGRAMMABLE TOUCH SCREEN CONTROLLER
WITH AUDIO CODEC
FEATURES
APPLICATIONS
SPI™ Serial Interface
Personal Digital Assistants
Touch screen Controller
Cellular Phones
4-Wire Touch Screen Interface
MP3 Players
Internal Detection of Screen Touch and
Internet Appliances
Keypad Press
Smartphones
Touch Pressure Measurement
Ratiometric Conversion
DESCRIPTION
Programmable 8, 10 or 12 Bit Resolution
The TSC2300 is a highly integrated PDA analog
Programmable Sampling Rates Up to 125
interface circuit. It contains a complete 12-bit A/D
kHz
resistive touch screen converter including drivers, touch
Direct Battery Measurement (0 to 6 V)
pressure measurement capability, keypad controller and
On-Chip Temperature Measurement
8-bit D/A converter output for LCD contrast control. The
4-by-4 Keypad Interface With
TSC2300 offers programmable resolution of 8, 10, and
Programmable De-bounce
12 bits and sampling rates up to 125 kHz to
Integrated Touch Screen Processor
accommodate different screen sizes. The TSC2300
Reduces Host CPU Interrupts and
interfaces to the host controller through a standard SPI
Overhead
serial interface.
Internal Timing Control With Programmable
Delays
The TSC2300 features a high-performance 20-bit,
48-ksps audio codec with highly integrated analog
Audio Codec
functionality. The audio portion of the TSC2300 contains
20-Bit Delta-Sigma ADC/DAC
microphone input with built-in pre-amp and microphone
Dynamic Range: 98 dB
bias circuit, an auxiliary stereo analog input, a stereo
Sampling Rate Up To 48 kHz
line-level output, a differential mono line-level output,
I2S Serial Interface
and a stereo headphone amplifier output. The digital
Full Power Down Control
audio data is transferred through a standard I2S
On-Chip Crystal Oscillator
interface.
6 GPIO Pins
The TSC2300 also offers two battery measurement
Single 2.7-V to 3.6-V Supply
inputs capable of battery voltages up to 6 V, while
64-pin TQFP Package
operating at a supply voltage of only 2.7 V. It also has an
on-chip temperature sensor capable of reading 0.3
°C
resolution. The TSC2300 is available in a 64-lead TQFP.
US Patent No. 6246394
SPI is a trademark of Motorola.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
Copyright © 2002, Texas Instruments Incorporated
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - TSC2300IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Similar Description - TSC2300IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com