Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015388098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015388098
Description  SL Single Row, Female, Version A Receptacle, 9 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015388098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015388098_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015388098_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015388098
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Single Row, Female, Version A Receptacle, 9 Circuits
Documents:
3D Model
Packaging Specification PK-70873-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70430-001 (PDF)
Agency Certification
CSA
LR19880
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
70430
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753774001
Physical
Circuits (Loaded)
9
Color - Resin
Black
Contact Position
N/A
Durability (mating cycles max)
25
Entry Angle
Vertical
Flammability
94V-0
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Net Weight
1.263/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.30mm
PCB Retention
None
PCB Thickness - Recommended
1.60mm, 2.40mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
1.905µm
Polarized to PCB
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1.0A, 2.0A
Voltage - Maximum
250V
Material Info
Engineering Number
70430-0008
Reference - Drawing Numbers
Packaging Specification
PK-70873-0001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70430 Series
Mates With
SL™ Header 70541 , 70543 , 70545 , 70551
, 70553 , 70555 , 74099 , 70634 , 70107 ,
70018


Similar Part No. - 0015388098_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015388098 MOLEX1-0015388098_18 Datasheet
38Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
More results

Similar Description - 0015388098_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015474094 MOLEX1-0015474094_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
0015474090 MOLEX1-0015474090_17 Datasheet
48Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
0015474094 MOLEX1-0015474094_17 Datasheet
48Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
0015474090 MOLEX1-0015474090_18 Datasheet
38Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
0015388098 MOLEX1-0015388098_18 Datasheet
38Kb / 2P
   SL Single Row, Female, Version A Receptacle, 9 Circuits
0015474095 MOLEX1-0015474095_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 9 Circuits
0015474093 MOLEX1-0015474093_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version G Receptacle, 9 Circuits
0015474096 MOLEX1-0015474096_17 Datasheet
45Kb / 2P
   SL Single Row, Female, Version D Receptacle, 9 Circuits
0015474091 MOLEX1-0015474091_17 Datasheet
36Kb / 2P
   SL Single Row, Female, Version C Receptacle, 9 Circuits
0015474096 MOLEX1-0015474096_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version D Receptacle, 9 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com