Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB1T20 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # USB1T20
Description  Universal Serial Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T20 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  USB1T20 Datasheet HTML 1Page - Fairchild Semiconductor USB1T20 Datasheet HTML 2Page - Fairchild Semiconductor USB1T20 Datasheet HTML 3Page - Fairchild Semiconductor USB1T20 Datasheet HTML 4Page - Fairchild Semiconductor USB1T20 Datasheet HTML 5Page - Fairchild Semiconductor USB1T20 Datasheet HTML 6Page - Fairchild Semiconductor USB1T20 Datasheet HTML 7Page - Fairchild Semiconductor USB1T20 Datasheet HTML 8Page - Fairchild Semiconductor USB1T20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (D+/D− Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCC = 3.0V to 3.6V
Note 4: Excludes external resistor. In order to comply with USB Specification 1.1, external series resistors of 24
Ω ± 1% each on D+ and D− are recom-
mended. This specification is guaranteed by design and statistical process distribution.
Note 5: This specification is guaranteed by design and statistical process distribution.
AC Electrical Characteristics (D+/D− Pins, Full Speed)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted).
VCC = 3.0V to 3.6V; CL = 50 pF; RL = 1.5 kΩ on D+ to VCC
Symbol
Parameter
Test Conditions
Limits
Units
Temperature
= −40°C to +85°C
Min
Typ
Max
Input Levels
VDI
Differential Input Sensitivity
|(D
+) – (D−)|
0.2
V
VCM
Differential Common Mode Range
Includes VDI Range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
0.8
2.0
V
Output Levels
VOL
Static Output LOW Voltage
RL of 1.5 kΩ to 3.6V
0.3
V
VOH
Static Output HIGH Voltage
RL of 15 kΩ to GND
2.8
3.6
V
VCR
Differential Crossover
1.3
2.0
V
Leakage Current
IOZ
High Z State Data Line Leakage Current 0V
< V
IN < 3.3V
±5
µA
Capacitance
CIN
Transceiver Capacitance
Pin-to-GND
10
pF
(Note 5)
Capacitance Match
10
%
Output Resistance
ZDRV
Driver Output Resistance
Steady State Drive
4
20
(Note 4)
Resistance Match
10
%
Symbol
Parameter
Test Condition
Limits
Units
Temperature
= −40°C to +85°C
Min
Typ
Max
Driver Characteristics
10% and 90%
ns
tR
Rise Time
Figure 1
4
20
tF
Fall Time
Figure 1
4
20
tRFM
Rise/Fall Time Matching
(tR/tF)90
110
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Driver Timings
tPLH
Driver Propagation Delay
Figure 2
18
ns
tPLH
(Vpo, Vmo/FSEO to D+/D−)
Figure 2
18
ns
tPHZ
Driver Disable Delay
Figure 4
13
ns
tPLZ
(OE to D
+/D−)
Figure 4
13
ns
tPZH
Driver Enable Delay
Figure 4
17
ns
tPZL
(OE to D
+/D−)
Figure 4
17
ns
Receiver Timings
tPLH
Receiver Propagation Delay
Figure 3
16
ns
tPHL
(D
+, D− to RCV)
Figure 3
19
ns
tPLH
Single-ended Receiver Delay
Figure 3
8
ns
tPHL
(D
+, D− to V
p, Vm)
Figure 3
8
ns


Similar Part No. - USB1T20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T20MTC FAIRCHILD-USB1T20MTC Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
USB1T20MTCX FAIRCHILD-USB1T20MTCX Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results

Similar Description - USB1T20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com