Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4966N Datasheet(PDF) 5 Page - Analog Power

Part # AM4966N
Description  Dual N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4966N Datasheet(HTML) 5 Page - Analog Power

  AM4966N Datasheet HTML 1Page - Analog Power AM4966N Datasheet HTML 2Page - Analog Power AM4966N Datasheet HTML 3Page - Analog Power AM4966N Datasheet HTML 4Page - Analog Power AM4966N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Analog Power
AM4966N
Package Information
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash, Protrusion Or Gate Burrs Shall
Not Exceed 0.10 mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body Exclusive Of Mold Flash, Tie
Bar Burrs, Gate Burrs And Interlead Flash, But Including Any Mismatch Between The Top And Bottom Of The
Plastic Body.
4.
The Package Top May Be Smaller Than The Package Bottom.
5.
Dimension "B" Does Not Include Dambar Protrusion. Allowable Dambar Protrusion Shall Be 0.08 mm Total In
Excess Of "B" Dimension At Maximum Material Condition. The Dambar Cannot Be Located On The Lower Radius
Of The Foot.
© Preliminary
5
Publication Order Number:
DS_AM4966N_1A


Similar Part No. - AM4966N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4960N ANALOGPOWER-AM4960N Datasheet
212Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961A DIODES-AM4961A Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
More results

Similar Description - AM4966N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com