Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1286 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X1286
Description  Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1286 Datasheet(HTML) 2 Page - Intersil Corporation

  X1286 Datasheet HTML 1Page - Intersil Corporation X1286 Datasheet HTML 2Page - Intersil Corporation X1286 Datasheet HTML 3Page - Intersil Corporation X1286 Datasheet HTML 4Page - Intersil Corporation X1286 Datasheet HTML 5Page - Intersil Corporation X1286 Datasheet HTML 6Page - Intersil Corporation X1286 Datasheet HTML 7Page - Intersil Corporation X1286 Datasheet HTML 8Page - Intersil Corporation X1286 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN8101.0
March 29, 2005
PIN DESCRIPTIONS
ORDERING INFORMATION
PART MARK INFORMATION
VCC Range
Package
Operating Temperature Range
Part Number
2.7-5.5V
8L EIAJ SOIC
0-70°C
X1286A8
-40-85°C
X1286A8I
14L TSSOP
0-70°C
X1286V14
-40-85°C
X1286V14I
X1
X2
VBACK
VCC
NC
NC
NC
VSS
1
2
3
4
13
14
12
11
14- pin TSSOP
NC
NC
SCL
NC
PHZ/IRQ
SDA
5
6
7
9
10
8
X1
X2
VBACK
VCC
PHZ/IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8-pin EIAJ SOIC
14-Lead TSSOP
EYWW
XXXXX
1286 = 2.7 to 5.5V, 0 to +70°C
1286I = 2.7 to 5.5V, -40 to +85°C
8-Lead EIAJ SOIC
X1286
EYWWX
Blank = 2.7 to 5.5V, 0 to +70°C
I = 2.7 to 5.5V, -40 to +85°C
X1286


Similar Part No. - X1286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286A8 INTERSIL-X1286A8 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286A8 RENESAS-X1286A8 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com