Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5382-82101 Datasheet(PDF) 11 Page - Keysight Technologies

Part # E5382-82101
Description  Probing Solutions for Logic Analyzers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5382-82101 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E5382-82101 Datasheet HTML 7Page - Keysight Technologies E5382-82101 Datasheet HTML 8Page - Keysight Technologies E5382-82101 Datasheet HTML 9Page - Keysight Technologies E5382-82101 Datasheet HTML 10Page - Keysight Technologies E5382-82101 Datasheet HTML 11Page - Keysight Technologies E5382-82101 Datasheet HTML 12Page - Keysight Technologies E5382-82101 Datasheet HTML 13Page - Keysight Technologies E5382-82101 Datasheet HTML 14Page - Keysight Technologies E5382-82101 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
11 | Keysight | Probing Solutions for Logic Analyzers - Data Sheet
E5382B single-ended flying
lead probe set
The E5382B is a 17-channel single-ended
flying lead probe compatible with logic
analyzers with a 90-pin pod connection.
It is capable of acquiring data at the
maximum rates of the logic analyzer it is
connected to. The E5382B is useful for
acquiring signals from dispersed locations
or when a mass connection scheme is not
available. The E5382B has the following:
– 16 single-ended data inputs
– One differential or single-ended clock
input
– Variety of supplied accessories
Unused clock inputs can be used as data
inputs.
Table 1. Accessories
Part number
Description
E5382-82103
Probe pin kit, 2 resistive pins per kit
E5382-82101
High-frequency probing kit, 2 resistive signal
wires and 4 ground wires per kit
16517-82109
Grabber clip kit, 20 grabbers per kit
16517-82105
Ground extender kit, 20 ground extenders
per kit
16517-82106
Right-angle ground lead kit, 20 ground leads
per kit
Figure 4.1. E5382B flying lead set.
Probing Solutions for 90-pin Logic Analyzers
General-Purpose Probing


Similar Part No. - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
More results

Similar Description - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com