Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5382-82101 Datasheet(PDF) 5 Page - Keysight Technologies

Part # E5382-82101
Description  Probing Solutions for Logic Analyzers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5382-82101 Datasheet(HTML) 5 Page - Keysight Technologies

  E5382-82101 Datasheet HTML 1Page - Keysight Technologies E5382-82101 Datasheet HTML 2Page - Keysight Technologies E5382-82101 Datasheet HTML 3Page - Keysight Technologies E5382-82101 Datasheet HTML 4Page - Keysight Technologies E5382-82101 Datasheet HTML 5Page - Keysight Technologies E5382-82101 Datasheet HTML 6Page - Keysight Technologies E5382-82101 Datasheet HTML 7Page - Keysight Technologies E5382-82101 Datasheet HTML 8Page - Keysight Technologies E5382-82101 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
05 | Keysight | Probing Solutions for Logic Analyzers - Data Sheet
Probe Selection Guide for All Keysight Logic Analyzers
Logic analyzer compatibility
– U4164A, U4154A/B
– 16850A Series
– 16962A, 16951B, 16950A/B
– 16760A, 16756A, 16755A, 16754A, 16753A
Note: U4201A logic analyzer cable(s) are required when using 90-pin probes with the U4164A, U4154A/B or 16850A Series logic analyzers.
Soft touch connectorless probes
All soft touch probes are supplied with 5 retention modules
Model number
E5398A
E5406A
E5402A 1
E5390A
E5405B
Application
Quick connection to many channels in a small footprint without a header designed into the target
Number of channels 17
16 data, 1 clock
34
32 data, 2 clocks
34
32 data, 2 clocks
17
16 data, 1 clock
Supported signal
types
Differential or single-ended clock single-ended data
Differential or single-ended
clock and or data
Maximum data rate
4 Gb/s
4 Gb/s
4 Gb/s
4 Gb/s
Minimum signal
amplitude
250 mV
p-p
250 mV
p-p
250 mV
p-p
V
max - Vmin
200 mV
Connection to
target system
Requires half-size soft touch
footprint designed into the
target
Requires Pro Series soft touch
footprint designed into the
target
Requires original soft touch
footprint designed into the
target
Requires Pro Series soft touch
footprint designed into the
target system
Input capacitance
< 0.7 pF
< 0.7 pF
< 0.7 pF
< 0.7 pF
Kit of 5 additional
retention modules
E5396-68702
E5403A
E5387-68701
E5403A
Number of probes
required per
U4201A cable
1
1
1
2
1. The E5402A Soft Touch Pro probe is a low profile right angle version of the E5406A above.


Similar Part No. - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
More results

Similar Description - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com