Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3102A Datasheet(PDF) 8 Page - Keysight Technologies

Part # M3102A
Description  PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3102A Datasheet(HTML) 8 Page - Keysight Technologies

  M3102A Datasheet HTML 1Page - Keysight Technologies M3102A Datasheet HTML 2Page - Keysight Technologies M3102A Datasheet HTML 3Page - Keysight Technologies M3102A Datasheet HTML 4Page - Keysight Technologies M3102A Datasheet HTML 5Page - Keysight Technologies M3102A Datasheet HTML 6Page - Keysight Technologies M3102A Datasheet HTML 7Page - Keysight Technologies M3102A Datasheet HTML 8Page - Keysight Technologies M3102A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 | Keysight | M3102A PXIe Digitizer with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
Environmental
Temperature range
Operating
Non-operating
0 to +55°C (10,000 feet)
-40 to +70°C (up to 15,000 feet)
Max operative altitude
4000 m (10,000 feet)
Operating Humidity range (%RH)
10 to 95% at 40°C
Non-operating Humidity range (%RH): 5 to 95
5 to 95%
Calibration interval
1 year
EMC
Complies with European EMC Directive
– IEC/EN 61326-1
– CISPR Pub 11 Group 1, class A
This ISM device Compliace with Canadian ICES-001
Cet appareil ISM est conforme à la norme NMB-001 du Canada.
This ISM device Compliace with Australian and New Zealand RCM
This ISM device Compliace with South Korea EMC KCC
Table 6. Environmental
Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and verified to be robust
against the environmental stresses of Storage, Transportation and End-use; those stresses include but are not limited to temperature,
humidity, shock, vibration, altitude and power line conditions. Test Methods are aligned with IEC 60068-2 and levels are similar to
MIL-PRF-28800F Class 3.


Similar Part No. - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
   FPGA Configurator Programming Kit (Enhanced)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com