Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34161A Datasheet(PDF) 4 Page - Keysight Technologies

Part # 34161A
Description  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34161A Datasheet(HTML) 4 Page - Keysight Technologies

  34161A Datasheet HTML 1Page - Keysight Technologies 34161A Datasheet HTML 2Page - Keysight Technologies 34161A Datasheet HTML 3Page - Keysight Technologies 34161A Datasheet HTML 4Page - Keysight Technologies 34161A Datasheet HTML 5Page - Keysight Technologies 34161A Datasheet HTML 6Page - Keysight Technologies 34161A Datasheet HTML 7Page - Keysight Technologies 34161A Datasheet HTML 8Page - Keysight Technologies 34161A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
04 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
P-Series Power Meter Specifications
Meter uncertainty
Instrumentation linearity
± 0.8 %
Timebase
Timebase range
2 ns to 100 msec/div
Accuracy
±10 ppm
Jitter
≤ 1 ns
Zero Set
Zero Set (CW)
0.0000175%
Zero Set (Peak)
0.015%
Trigger
Internal trigger
Range
–20 to +20 dBm
Resolution
0.1 dB
Level accuracy
± 0.5 dB
Latency1
160 ns ± 10
Jitter
≤ 5 ns rms
External TTL trigger input
High
> 2.4 V
Low
< 0.7 V
Latency2
30 ns ± 10 ns
Impedance
50 Ω
Jitter
≤ 5 ns rms
Trigger delay
Delay range
± 1.0 s, maximum
Delay resolution
1 % of delay setting, 10 ns maximum
Trigger hold-off
Range
1 μs to 400 ms
Resolution
1 % of selected value (to a minimum of 10 ns)
Trigger level threshold hysteresis
Range
± 3 dB
Resolution
0.05 dB
1. Internal trigger latency is defined as the delay between the applied RF crossing the trigger level and the meter switching into the triggered state.
2. External trigger latency is defined as the delay between the applied trigger crossing the trigger level and the meter switching into the triggered state.
3. External trigger output latency is defined as the delay between the meter entering the triggered state and the output signal switching.


Similar Part No. - 34161A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34161 TEC-34161 Datasheet
111Kb / 1P
   TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE:16-14AWG
11/10/92
More results

Similar Description - 34161A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com