Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9111TB15 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9111TB15
Description  Single Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9111TB15 Datasheet(HTML) 2 Page - Xicor Inc.

  X9111TB15 Datasheet HTML 1Page - Xicor Inc. X9111TB15 Datasheet HTML 2Page - Xicor Inc. X9111TB15 Datasheet HTML 3Page - Xicor Inc. X9111TB15 Datasheet HTML 4Page - Xicor Inc. X9111TB15 Datasheet HTML 5Page - Xicor Inc. X9111TB15 Datasheet HTML 6Page - Xicor Inc. X9111TB15 Datasheet HTML 7Page - Xicor Inc. X9111TB15 Datasheet HTML 8Page - Xicor Inc. X9111TB15 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
X9111
– Preliminary Information
Characteristics subject to change without notice.
2 of 21
REV 1.1.15 5/9/03
www.xicor.com
CIRCUIT LEVEL APPLICATIONS
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF
circuits
• Provide a control variable (I, V, or R) in feedback
circuits
SYSTEM LEVEL APPLICATIONS
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF
power amplifier in wireless systems
• Control the gain in audio and home entertainment
systems
• Provide the variable DC bias for tuners in RF
wireless systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems
DETAILED FUNCTIONAL DIAGRAM
CS
SCK
A0
SO
SI
HOLD
WP
Interface
and
Control
Circuitry
VCC
VSS
DR0
DR1
DR2 DR3
Wiper
Counter
Register
(WCR)
RH
RL
Data
RW
1024-taps
100K
Control
Power On
Recall
A1


Similar Part No. - X9111TB15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111TV14 INTERSIL-X9111TV14 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9111TV14 INTERSIL-X9111TV14 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9111TV14 INTERSIL-X9111TV14 Datasheet
327Kb / 17P
   Single Digitally-Controlled (XDCP) Potentiometer
September 15, 2006
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9111TB15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com