Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4164A-200 Datasheet(PDF) 6 Page - Keysight Technologies

Part # U4164A-200
Description  Logic Analyzer Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4164A-200 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button U4164A-200 Datasheet HTML 2Page - Keysight Technologies U4164A-200 Datasheet HTML 3Page - Keysight Technologies U4164A-200 Datasheet HTML 4Page - Keysight Technologies U4164A-200 Datasheet HTML 5Page - Keysight Technologies U4164A-200 Datasheet HTML 6Page - Keysight Technologies U4164A-200 Datasheet HTML 7Page - Keysight Technologies U4164A-200 Datasheet HTML 8Page - Keysight Technologies U4164A-200 Datasheet HTML 9Page - Keysight Technologies U4164A-200 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
06 | Keysight | U4164A Logic Analyzer Module - Data Sheet
Product Description (Continued)
Figure 1E. DDR4 3300 Mb/s state waveform.
Figure 1D. DDR4 3300 Mb/s state waveform.
There are two methods to capture DDR or LPDDR memory DQ (data) transactions over
2500 Mb/s using the U4164A logic analyzer system:
1. Using quad-sample state mode, the U4164A is sampled on one clock edge, a single
probe load is placed on each DQ, and quad-sample mode is used to provide separate
read rising, read falling, write rising, and write falling edge captures with sample
positions set independently. Read and write thresholds can be set independently. Read
rising, read falling, write rising, and write falling edge captures are given different labels
in the configuration so that the sample positions can be set independently.
2. Using dual-sample state mode, the U4164A is sampled on one clock edge, double
probing of each DQ must be performed and provide separate read DQ and write DQ
samples, and dual-sample mode is used to provide a rising and falling edge sample for
each DQ, resulting in four samples taken for each DQ signal from two probe loads. Read
rising, read falling, write rising, and write falling edge captures are given different labels
so the sample positions can be set independently.


Similar Part No. - U4164A-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U41 ETC2-U41 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U41 CK-COMPONENTS-U41 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Baumer IVO GmbH & Co. K...
U410.010A01A IVO-U410.010A01A Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A01B IVO-U410.010A01B Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A02A IVO-U410.010A02A Datasheet
512Kb / 4P
   Totalizers mechanic
More results

Similar Description - U4164A-200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com