Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4164AU-128 Datasheet(PDF) 10 Page - Keysight Technologies

Part # U4164AU-128
Description  Logic Analyzer Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4164AU-128 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button U4164AU-128 Datasheet HTML 6Page - Keysight Technologies U4164AU-128 Datasheet HTML 7Page - Keysight Technologies U4164AU-128 Datasheet HTML 8Page - Keysight Technologies U4164AU-128 Datasheet HTML 9Page - Keysight Technologies U4164AU-128 Datasheet HTML 10Page - Keysight Technologies U4164AU-128 Datasheet HTML 11Page - Keysight Technologies U4164AU-128 Datasheet HTML 12Page - Keysight Technologies U4164AU-128 Datasheet HTML 13Page - Keysight Technologies U4164AU-128 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10 | Keysight | U4164A Logic Analyzer Module - Data Sheet
Using memory depth options, transitional timing and state mode store
qualification triggers
Available memory depth of up to 400 M samples allows you to debug very complex problems
where the cause and symptoms may be separated by several seconds. The amount of memory
can be upgraded after purchase; see “Upgrades” in “Ordering Information” section of this
document.
No need to sacrifice sampling resolution to view more system activity. In timing mode, if your
system has bursts of activity followed by times with little activity, you can use transitional
timing along with the logic analyzer’s deep memory to capture seconds to minutes of activity
at 400 ps (2.5 GHz), 200 ps (5 GHz), or 100 ps (10 GHz) sampling resolutions. You also have the
flexibility to increase the amount of time captured by excluding certain buses or signals from
the transition detector, for example clock or strobe signals, that add little useful information to
a state mode measurement.
In state mode, use store qualification to save only states of interest into memory. Figure 4
shows a store qualification trigger for state mode that stores only valid mode register settings
for DDR memories, allowing deep capture of only the MRS commands. The MRS command is a
“favorite” trigger that can be “recalled” from any Keysight default probing configuration for DDR
memory. Other “favorite” store qualification triggers include “Filter NOP, trigger on first valid
command,” which is where the valid commands and enough samples to capture the DQ bursts
for DDR memory transactions are stored and “Deselected” or “NOP” states are not stored,
conserving logic analyzer memory depth.
Deep Trace Captures
Figure 4. Mode register trigger allows you to capture key events during initialization without wasting
valuable memory.


Similar Part No. - U4164AU-128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U41 ETC2-U41 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U41 CK-COMPONENTS-U41 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Baumer IVO GmbH & Co. K...
U410.010A01A IVO-U410.010A01A Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A01B IVO-U410.010A01B Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A02A IVO-U410.010A02A Datasheet
512Kb / 4P
   Totalizers mechanic
More results

Similar Description - U4164AU-128

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com