Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9530B15I-T2 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9530B15I-T2
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530B15I-T2 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9530B15I-T2 Datasheet HTML 7Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 8Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 9Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 10Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 11Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 12Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 13Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 14Page - Xicor Inc. X9530B15I-T2 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
X9530
Characteristics subject to change without notice.
11 of 30
REV 3.7 8/26/04
www.xicor.com
By examining the block diagram in Figure 5, we see
that the maximum current through pin I1 is set by fixing
values for V(VRef) and R1. The output current can
then be varied by changing the data byte at the D/A
converter input.
In general, the magnitude of the current at the D/A
converter output pins (I1, I2) may be calculated by:
Ix = (V(VRef) / (384 • Rx)) • N
where x =1,2 and N is the decimal representation of
the input byte to the corresponding D/A converter.
The value for the resistor Rx (x = 1,2) determines the
full scale output current that the D/A converter may
sink or source. The full scale output current has a
maximum value of ±1.6 mA, which is obtained using a
resistance of 510
Ω for Rx. This resistance may be
connected externally to pin Rx of the X9530, or may be
selected from one of three internal values. Bits I1FSO1
and I1FSO0 select the full scale output current setting
for I1 as described in “I1FSO1–I1FSO0: Current
Generator 1 Full Scale Output Set Bits (Non-volatile)”
on page 6. Bits I2FSO1 and I2FSO0 select the
maximum current setting for I2 as described in
“I2FSO1–I2FSO0: Current Generator 2 Full Scale
Output Current Set Bits (Non-volatile)” on page 7.
When an internal resistor is selected for R1 or R2, then
no resistor should be connected externally at the
corresponding pin.
Bits I1DS and I2DS in Control Register 0 select the
direction of the currents through pins I1 and I2
independently
(See
“I1DS:
Current
Generator
1
Direction Select Bit (Non-volatile)” on page 4 and
“Control and Status Register Format” on page 5).
D/A Converter Output Current Response
When the D/A converter input data byte changes by an
arbitrary number of bits, the output current changes
from an intial current level (Ix) to some final level (Ix +
∆I
x). The transition is monotonic and glitchless.
D/A Converter Control
The data byte inputs of the D/A converters can be
controlled in three ways:
– 1) With the A/D converter and through the look-up
tables (default),
– 2) Bypassing the A/D converter and directly access-
ing the look-up tables,
– 3) Bypassing both the A/D converter and look-up
tables, and directly setting the D/A converter input
byte.
D1
D0
Select
ADC
AD[5:0]
LUT1 Row
LUT2 Row
Out
D1
D0
Select
Voltage
Voltage Input
Selection bits
Selection bits
Reference
Out
L2DA[5:0]:
Control
Register 2
L1DA[5:0]:
Control
Register 1
L2DAS: bit 6 in
Control register 5
L1DAS: bit 4 in
Control register 5
6
6
Status
Register
Figure 7. Look-Up Table Addressing


Similar Part No. - X9530B15I-T2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530B15I-T2 INTERSIL-X9530B15I-T2 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
More results

Similar Description - X9530B15I-T2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com