Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9530V14I Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9530V14I
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530V14I Datasheet(HTML) 1 Page - Xicor Inc.

  X9530V14I Datasheet HTML 1Page - Xicor Inc. X9530V14I Datasheet HTML 2Page - Xicor Inc. X9530V14I Datasheet HTML 3Page - Xicor Inc. X9530V14I Datasheet HTML 4Page - Xicor Inc. X9530V14I Datasheet HTML 5Page - Xicor Inc. X9530V14I Datasheet HTML 6Page - Xicor Inc. X9530V14I Datasheet HTML 7Page - Xicor Inc. X9530V14I Datasheet HTML 8Page - Xicor Inc. X9530V14I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
REV 3.7 8/26/04
Characteristics subject to change without notice.
1 of 30
www.xicor.com
X9530
Temperature Compensated Laser Diode Controller
FEATURES
• Compatible with Popular Fiber Optic Module
Specifications such as Xenpak, SFF, SFP, and
GBIC
•Package
—14 Pin TSSOP
—15 Lead 2.7 x 3.5mm CSP (Chip-Scale
Package)
• Two Programmable Current Generators
—±1.6 mA max.
—8-bit (256 Step) Resolution
• Integrated 6 bit A/D Converter
• Temperature Compensation
—Internal or External Sensor
—–40°C to +100°C Range
—2.2°C / step resolution
—EEPROM Look-up Tables
• Hot Pluggable
• 2176-bit EEPROM
—17 Pages
—16 Bytes per Page
• Write Protection Circuitry
—Xicor BlockLock™
—Logic Controlled Protection
—2-wire Bus with 3 Slave Address Bits
• 3 V to 5.5 V, Single Supply Operation
LASER DIODE BIAS CONTROL APPLICATIONS
• SONET and SDH Transmission Systems
• 1G and 10G Ethernet, and Fibre Channel Laser
Diode Driver Circuits
DESCRIPTION
The X9530 is a highly integrated laser diode bias
controller which incorporates two digitally controlled
Programmable
Current
Generators,
temperature
compensation with dedicated look-up tables, and
supplementary EEPROM array. All functions of the
device are controlled via a 2-wire digital serial
interface.
Two temperature compensated Programmable Current
Generators, vary the output current with temperature
according to the contents of the associated nonvolatile
look-up table. The look-up table may be programmed
with arbitrary data by the user, via the 2-wire serial
port, and either an internal or external temperature
sensor may be used to control the output current
response.
These
temperature
compensated
pro-
grammable currents maybe used to control the
modulation current and the bias current of a laser
diode.
The integrated General Purpose EEPROM is included
for product data storage and can be used for
transceiver module information storage in laser diode
applications.
TYPICAL APPLICATION
Laser
Diode
Driver
X9530
High Speed
Data Input
MOD_DEF(0)
IMODSET
ILD
IMON
MPD
LD
VCC
GBIC / SFP / XFP Module
IPINSET/IBIASSET
Circuit
I1
I2
SDA
SCK
MOD_DEF(1)


Similar Part No. - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530V14I INTERSIL-X9530V14I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
X9530V14I INTERSIL-X9530V14I Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14I RENESAS-X9530V14I Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Intersil Corporation
X9530V14IZ INTERSIL-X9530V14IZ Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14IZ RENESAS-X9530V14IZ Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
More results

Similar Description - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com