Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418YV24 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9418YV24
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9418YV24 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9418YV24 Datasheet HTML 6Page - Xicor Inc. X9418YV24 Datasheet HTML 7Page - Xicor Inc. X9418YV24 Datasheet HTML 8Page - Xicor Inc. X9418YV24 Datasheet HTML 9Page - Xicor Inc. X9418YV24 Datasheet HTML 10Page - Xicor Inc. X9418YV24 Datasheet HTML 11Page - Xicor Inc. X9418YV24 Datasheet HTML 12Page - Xicor Inc. X9418YV24 Datasheet HTML 13Page - Xicor Inc. X9418YV24 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
X9418
Characteristics subject to change without notice.
10 of 21
REV 1.1.5 7/23/02
www.xicor.com
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1110
R
1
R
0
0
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
0101
A
3
A
2
A
1
A
0
0010000
P
0
I/
D
I/
D
....
I/
D
I/
D
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
0101
A
3
A
2
A
1
A
0
0001
R
1
R
0
00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1000
R
1
R
0
00
SYMBOL TABLE
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8K


Similar Part No. - X9418YV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9418YV24 INTERSIL-X9418YV24 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418YV24-2.7 INTERSIL-X9418YV24-2.7 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418YV24I INTERSIL-X9418YV24I Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418YV24I-2.7 INTERSIL-X9418YV24I-2.7 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418YV24I-2.7 INTERSIL-X9418YV24I-2.7 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X9418YV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com