Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB2EZ15D5 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB2EZ15D5
Description  2.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB2EZ15D5 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMB2EZ15D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB2EZ15D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB2EZ15D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB2EZ15D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMB2EZxxD5 Series
VOLTAGE 6.2 V ~ 330 V
2.0 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
PART NUMBER
Nominal Zener
Voltage
Max. Zener Impedance
Max.
Reverse
Leakage Current
Max.
DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Nom.V
mA
mA
mA
uA
V
mA
SMB2EZ180D5
180
2.8
725
2.8
7000
0.25
0.5
136.8
10
SMB2EZ190D5
190
2.6
825
2.6
8000
0.25
0.5
144.8
10
SMB2EZ200D5
200
2.5
1900
2.5
9990
0.25
0.5
152.0
9
SMB2EZ220D5
220
2.0
2000
2.0
8500
0.25
0.5
167.0
8
SMB2EZ270D5
270
1.6
2200
1.6
8500
0.25
0.5
205.0
6.7
SMB2EZ300D5
300
1.5
2200
1.5
9000
0.25
0.5
228.0
5.9
SMB2EZ330D5
330
1.4
2300
1.4
9000
0.25
0.5
250.0
5.4
NOTES:
1. The type number listed have a standard tolerance on the nominal zener voltage of ±5%.
2. The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method.


Similar Part No. - SMB2EZ15D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMB2EZ15D5 MCC-SMB2EZ15D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Anova Technologies CO.,...
SMB2EZ15D5 ANOVA-SMB2EZ15D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
logo
Micro Commercial Compon...
SMB2EZ15D5HE3 MCC-SMB2EZ15D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
More results

Similar Description - SMB2EZ15D5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com