Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4750 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA4750
Description  1.0 Watts Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4750 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMA4750 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4750 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4750 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMA47xx Series
Voltage 3.3 V ~ 300 V
1.0 Watts Surface Mount Zener Diode
21-Aug-2017 Rev. C
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
Lead (Pb)-free component
For use in stabilizing and clipping circuits with high
power rating
MECHANICAL DATA
Case:SMA
Epoxy:UL 94V-0 rate flame retardant
Polarity:Laser band denotes cathode end
Weight:0.062 grams (Approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNITS
DC Power Dissipation at TL=50°C (Note 1)
P D
1.0
W
Junction Temperature Range
TJ
-55 ~ + 175
°C
Storage Temperature Range
TSTG
-55 ~ + 175
°C
Notes:
1.
TL = Lead temperature at 3/8” (9.5mm) from the body.
SMA
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.25
1.65
E
0.051
0.203
B
3.99
4.60
F
4.78
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.152
0.305


Similar Part No. - SMA4750

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA4750 SECOS-SMA4750 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4750A LEIDITECH-SMA4750A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4750A YANGJIE-SMA4750A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4750A AITSEMI-SMA4750A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4750A FORMOSA-SMA4750A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

Similar Description - SMA4750

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com