Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX180 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRX180
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRX180 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRX180 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRX180 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
--
0.15
Weight: 0.008 grams (approx.)
SOD-323
0.80
1.15
Case: SOD-123, Molded Plastic
Surge Overload Rating to 20A Peak
MBRX 0520 – MBRX 05100
-55 to +150
°C
MBRX
Unit
Characteristic
Symbol
-55 to +125
°C
0.55
0.70
0.85
V
20
A
0.5
A
14
21
28
35
42
56
70
V
20
30
40
50
60
80
100
V
Classification Rating 94V-O
Guard Ring Die Construction
For Use in Low Voltage Application
Ideally Suited for Automatic Assembly
MBRX 0520 – MBRX 05100
0.5A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Typical Junction Capacitance
Features
!
Schottky Barrier Chip
!
!
Low Power Loss, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
Storage Temperature Range
TSTG
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
1 of 2
Typical Thermal Resistance (Note 1)
j
C
30
pF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0520
MBRX
0530
MBRX
0540
MBRX
0550
MBRX
0560
MBRX
0580
MBRX
05100
A
B
E
C
J
D
H
G
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.15
1.35
E
0.25
0.40
0.10
0.45
G
0.10
0.25
H
All Dimensions in mm
J
D
Alldatasheet


Similar Part No. - MBRX180

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX180 MCC-MBRX180 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
MBRX180 BILIN-MBRX180 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBRX180 LUGUANG-MBRX180 Datasheet
251Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
MBRX180 TAYCHIPST-MBRX180 Datasheet
2Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBRX180 BILIN-MBRX180 Datasheet
191Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRX180

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com