Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX130 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRX130
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRX130 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRX130 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRX130 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
T - 25ºC
j
I Pulse Width = 300 s
F
µ
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1 MHz
j
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100ºC
j
T = 75ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
0.001
0
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
2 of 2
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
MBRX 120 – MBRX 1100
MBRX 120 – MBRX 1100
20 - 40
50 - 60
80 - 100
Alldatasheet


Similar Part No. - MBRX130

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SHIKUES Electronics
MBRX130 SKTECHNOLGY-MBRX130 Datasheet
433Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Shanghai Leiditech Elec...
MBRX130 LEIDITECH-MBRX130 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
Galaxy Semi-Conductor H...
MBRX130 BILIN-MBRX130 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRX130

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com