Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP2230YA1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP2230YA1
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2230YA1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP2230YA1 Datasheet HTML 1Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 2Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 3Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 4Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 5Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 6Page - Vishay Siliconix TSOP2230YA1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VISHAY
TSOP22..YA1
Document Number 82107
Rev. 5, 15-Oct-2002
Vishay Semiconductors
www.vishay.com
1
16668
IR Receiver Modules for Remote Control Systems
Description
The TSOP22..YA1 - series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP22..YA1 is the
standard IR remote control receiver series, support-
ing all major transmission codes.
Features
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against electrical field distur-
bance
• TTL and CMOS compatibility
• Output active low
• Low power consumption
Special Features
• Improved immunity against ambient light
• Suitable burst length
≥ 10 cycles/burst
Block Diagram
Parts Table
Application Circuit
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
30 kΩ
2
3
1
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
Part
Carrier Frequency
TSOP2230YA1
30 kHz
TSOP2233YA1
33 kHz
TSOP2236YA1
36 kHz
TSOP2237YA1
36.7 kHz
TSOP2238YA1
38 kHz
TSOP2240YA1
40 kHz
TSOP2256YA1
56 kHz
C1 =
4.7 µF
TSOPxxxx
OUT
GND
µC
R1 =100 Ω
+VS
GND
Transmitter
with
TSALxxxx
VS
R1 +C1 recommended to suppress power supply
disturbances.
VO
The output voltage should not be hold continuously at
a voltage below VO = 3.3 V by the external circuit.
Parameter
Test condition
Symbol
Value
Unit
Supply Voltage
(Pin 2)
VS
- 0.3 to +
6.0
V


Similar Part No. - TSOP2230YA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2230YA1 VISHAY-TSOP2230YA1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
More results

Similar Description - TSOP2230YA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com