Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPP301G000 Datasheet(PDF) 3 Page - Humirel

Part # DPP301G000
Description  MEAS HTU21D SENSOR FOR GROVE SYSTEM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

DPP301G000 Datasheet(HTML) 3 Page - Humirel

  DPP301G000 Datasheet HTML 1Page - Humirel DPP301G000 Datasheet HTML 2Page - Humirel DPP301G000 Datasheet HTML 3Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEAS HTU21D FOR GROVE SYSTEM
Digital Humidity and Temperature Sensor
SENSOR SOLUTIONS /// MEAS HTU21D FOR GROVE SYSTEM
06/2017
Page 3
Detailed Description
I2C Interface:
The HTU21D Grove compliant module can interface to the host in I2C model with 5V supply, it has a Grove compatible four
pins port connector configured for I2C.
External Control Signals 5V supply:
The IC operates as an I2C slave using the standard 2-wire I2C connection scheme. As IC is power rated at 3.6V, the board
integrates necessary fixture such as a regulator and electrical level shift so that the SCL and SDA signals could be driven
directly from an external 5V I2C lines and power supply.
Reference
Material
Detailed information regarding operation of the IC:
• HTU21D Datasheet
Ordering Information
Description
Part Number
HTU21D GROVE BOARD
DPP301G000
PRODUCT SHEET
MEAS France SAS,
a TE Connectivity company.
Tel:+33 (0) 800-440-5100
Email: customercare.tlse@te.com
te.com/sensorsolutions
MEAS, TE Connectivity and TE connectivity (logo) are trademarks. All other logos, products and/or company names
referred to herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes
only, is believed to be reliable. However, TE Connectivity makes no warranties as to its accuracy or completeness and
disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE
Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any
incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE
Connectivity products should make their own evaluation to determine the suitability of each such product for the specific
application.
© 2016 TE Connectivity Ltd. family of companies
All Rights Reserved.


Similar Part No. - DPP301G000

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DPP30-12 RSG-DPP30-12 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP30-12 RSG-DPP30-12 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP30-12 TDK-DPP30-12 Datasheet
228Kb / 1P
   AC-DC Power Supplies
June 03, 2022
logo
RSG Electronic Componen...
DPP30-24 RSG-DPP30-24 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP30-24 RSG-DPP30-24 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
More results

Similar Description - DPP301G000

ManufacturerPart #DatasheetDescription
logo
Humirel
TSYS02D HUMIREL-TSYS02D Datasheet
156Kb / 3P
   MEAS TSYS02D SENSOR FOR GROVE SYSTEM
HTU21D HUMIREL-HTU21D Datasheet
0Kb / 7P
   MEAS HTU21D XPLAINED PRO BOARD
DPP902S000 HUMIREL-DPP902S000 Datasheet
215Kb / 4P
   MEAS WEATHER SHIELD
logo
TE Connectivity Ltd
REV-B TEC-REV-B Datasheet
149Kb / 3P
   MEAS STATOR RTD
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
   Grove Base Kit for Raspberry Pi
110060482 ETC-110060482 Datasheet
179Kb / 3P
   Microsoft IoT Grove Kit
logo
SparkFun Electronics
PRT-15109 SPARKFUN-PRT-15109 Datasheet
130Kb / 2P
   Qwiic Cable - Grove Adapter (150mm)
12????8
logo
Analog Devices
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
logo
Texas Instruments
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
[Old version datasheet]   Sensor AFE System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com