Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN13-100S-2.54DS Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN13-100S-2.54DS
Description  PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN13-100S-2.54DS Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN13-100S-2.54DS Datasheet HTML 2Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 3Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 4Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 5Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 6Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 7Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 8Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 9Page - Hirose Electric PCN13-100S-2.54DS Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
A62
PCN13 Series
sSocket: 2-row Straight Type
PCN13-*S-2.54DSA
PCN13-*S-2.54DS
BPCB mounting pattern
BPCB mounting pattern
sSocket: 2-row Right Angle Type
Unit:mm
CL No.
Part Number
583-3000-5
583-3001-8
583-3002-0
583-3003-3
583-3004-6
583-3005-9
583-3006-1
583-3007-4
583-3008-7
583-3009-0
PCN13-010S-2.54DSA
PCN13-016S-2.54DSA
PCN13-020S-2.54DSA
PCN13-030S-2.54DSA
PCN13-032S-2.54DSA
PCN13-044S-2.54DSA
PCN13-050S-2.54DSA
PCN13-064S-2.54DSA
PCN13-090S-2.54DSA
PCN13-100S-2.54DSA
Number of Contacts
10
16
20
30
32
44
50
64
90
100
A
B
26.42
34.04
39.12
51.82
54.36
69.60
77.22
95.00
128.02
140.72
21.42
29.04
34.12
46.82
49.36
64.60
72.22
90.00
123.02
135.72
C
D
10.16
17.78
22.86
35.56
38.10
53.34
60.96
78.74
111.76
124.46
16.42
24.04
29.12
41.82
44.36
59.60
67.22
85.00
118.02
130.72
CL No.
Part Number
583-3030-6
583-3031-9
583-3032-1
583-3033-4
583-3034-7
583-3035-0
583-3036-2
583-3037-5
583-3039-0
PCN13- 10S-2.54DS
PCN13- 16S-2.54DS
PCN13- 20S-2.54DS
PCN13- 30S-2.54DS
PCN13- 32S-2.54DS
PCN13- 44S-2.54DS
PCN13- 50S-2.54DS
PCN13- 64S-2.54DS
PCN13-100S-2.54DS
Number of Contacts
10
16
20
30
32
44
50
64
100
A
B
30.40
38.02
43.10
55.80
58.34
73.58
81.20
98.98
144.70
16.42
24.04
29.12
41.82
44.36
59.60
67.22
85.00
130.72
C
D
10.16
17.78
22.86
35.56
38.10
53.34
60.96
78.74
124.46
25.4
33.02
38.10
50.8
53.34
68.58
76.2
93.98
139.7
Unit:mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN13-100S-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN13-100S-2.54DS HIROSE-PCN13-100S-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-100S-2.54DSA HIROSE-PCN13-100S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN13-100S-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12 HIROSE-PCN12 Datasheet
1Mb / 19P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN11-20P-2.54H-2 HIROSE-PCN11-20P-2.54H-2 Datasheet
739Kb / 10P
   PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN10FA HIROSE-PCN10FA Datasheet
896Kb / 10P
   PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com