Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM851 Datasheet(PDF) 9 Page - BeRex Corporation

Part # BM851
Description  1.7~2.7GHz High IIP3 GaAs MMIC Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BM851 Datasheet(HTML) 9 Page - BeRex Corporation

Back Button BM851 Datasheet HTML 4Page - BeRex Corporation BM851 Datasheet HTML 5Page - BeRex Corporation BM851 Datasheet HTML 6Page - BeRex Corporation BM851 Datasheet HTML 7Page - BeRex Corporation BM851 Datasheet HTML 8Page - BeRex Corporation BM851 Datasheet HTML 9Page - BeRex Corporation BM851 Datasheet HTML 10Page - BeRex Corporation BM851 Datasheet HTML 11Page - BeRex Corporation BM851 Datasheet HTML 12Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
9
Mixer
BM851
1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2017 BeRex
Rev. A
Typical Test Data
Spur Table
Spur table is N x fRF – M x fLO mixer spuri-
ous products for 0 dBm input power, unless
otherwise noted.
RF Frequency = 1842 MHz
LO Frequency = 1642 MHz
All values in dBc relative to the IF Power
Level.
M
N
0
1
2
3
4
5
0
4
13
9
3
8
1
13
0
24
25
24
20
2
73
65
44
67
55
55
3
73
90
76
84
67
75
4
108
88
105
93
90
88
5
102
94
91
102
100
94
Test condition _ Measured on BeRex E/B at 25°C, 50ohm system, Vdd=3.3V, Ids=44.5mA, Up converting
Test condition _ Measured on BeRex E/B at 25°C, 50ohm system, Vdd=5V, Ids=57.5mA , Up converting


Similar Part No. - BM851

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BM851 BEREX-BM851 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM851

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com