Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7470NA Datasheet(PDF) 2 Page - Analog Power

Part # AM7470NA
Description  N-Channel 120-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7470NA Datasheet(HTML) 2 Page - Analog Power

  AM7470NA Datasheet HTML 1Page - Analog Power AM7470NA Datasheet HTML 2Page - Analog Power AM7470NA Datasheet HTML 3Page - Analog Power AM7470NA Datasheet HTML 4Page - Analog Power AM7470NA Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM7470NA
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 96 V, VGS = 0 V
1
VDS = 96 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
20
A
VGS = 10 V, ID = 10 A
21
VGS = 4.5 V, ID = 8 A
24
Forward Transconductance
a
gfs
VDS = 15 V, ID = 10 A
28
S
Diode Forward Voltage
a
VSD
IS = 3.4 A, VGS = 0 V
0.78
V
Total Gate Charge
Qg
52
Gate-Source Charge
Qgs
19
Gate-Drain Charge
Qgd
16
Turn-On Delay Time
td(on)
23
Rise Time
tr
14
Turn-Off Delay Time
td(off)
155
Fall Time
tf
31
Input Capacitance
Ciss
10696
Output Capacitance
Coss
239
Reverse Transfer Capacitance
Crss
158
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = 60 V, RL = 6 Ω,
ID = 10 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 60 V, VGS = 4.5 V,
ID = 10 A
Drain-Source On-Resistance
a
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM7470NA_1A


Similar Part No. - AM7470NA

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7400N ANALOGPOWER-AM7400N Datasheet
370Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM7401 AITSEMI-AM7401 Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
AM7401J8R AITSEMI-AM7401J8R Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
AM7401J8VR AITSEMI-AM7401J8VR Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
logo
Analog Power
AM7401P ANALOGPOWER-AM7401P Datasheet
373Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM7470NA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN1206L VISHAY-VN1206L Datasheet
43Kb / 4P
   N-Channel 120-V (D-S) MOSFET
Rev. E, 16-Jul-01
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com