Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GENE-KBU6 Datasheet(PDF) 2 Page - AAEON Technology

Part # GENE-KBU6
Description  Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-KBU6 Datasheet(HTML) 2 Page - AAEON Technology

  GENE-KBU6 Datasheet HTML 1Page - AAEON Technology GENE-KBU6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-1
03-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
GENE-KBU6
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power Temp
Others
GENE-KBU6-A10-0001
Intel® i7-7600U
Fan
DVI+LVDS+DP
18/24-bit,
2CH
SATA x 1,
mSATA x 1
GbE x 2
USB3.0 x 4,
USB 2.0 x 2
1
3
miniCard x 1 (Full-size) 9~36V
0°C ~ 60°C
DIO x 8, SIM,
Touch Controller
Ordering Information
DDR4 SODIMM
16GB
DDI1
GENE-SKU6
PTN3366
Intel®
SKYLAKE-U
15W
DVI-I
(DVI+VGA)
CH7517
(Option)
DDI2
PTN3460
eDP
LVDS
ALC892
HDA
Line-in, Line-
out, MIC
USB3.0*4
USB2.0*2
F81866
LPC
RS-232*1
RS-232/422/485*3
WatchDog, DIO*8
H/W Monitor
SATA 6.0Gb/s*1
Mini Card (Full)
PCIe/SATA/USB
Mini Card or
mSSD (Half)
TPM
(Option)
LPC
BIOS
LPC
LPC
SPI
I210*2
Giga LAN*2
PCIe
Touch
4/5/8
LPC
USB2.0
+9V ~ +36V
or
+12V
BIO: PCIE*2,
USB3.0*1, Line-out,
SM Bus, LPC
PCIe/USB
SATA
USB2.0
USB3.0, 2.0
DDR4
DP
DDI2
DVI
VGA
unit mm
Cooler Option
GENE-SKU6-FAN01


Similar Part No. - GENE-KBU6

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
GENE-1425 AAEON-GENE-1425 Datasheet
227Kb / 1P
   Intel XScale짰 IXP420/422/425 Network Processor
More results

Similar Description - GENE-KBU6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360-010C-2X3 TRIPPLITE-U360-010C-2X3 Datasheet
165Kb / 3P
   10-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 8 USB 2.0 Ports
logo
Advantech Co., Ltd.
MIOE-230 ADVANTECH-MIOE-230_13 Datasheet
192Kb / 1P
   48-bit LVDS or DisplayPort1, 2 x USB 2.0
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
   7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
logo
Advantech Co., Ltd.
ESRP-CSS-UNO137 ADVANTECH-ESRP-CSS-UNO137 Datasheet
670Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0
15-Apr-2022
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
   2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
logo
Advantech Co., Ltd.
UNO-137 ADVANTECH-UNO-137 Datasheet
671Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
logo
National Instruments Co...
780055-01 NI-780055-01 Datasheet
3Mb / 32P
   DAQ DEVICE MULTIFUNC I/O USB 2.0
2022.10.07
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Holtek Semiconductor In...
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com