Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF06703 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # BUF06703
Description  MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF06703 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  BUF06703 Datasheet HTML 1Page - Burr-Brown (TI) BUF06703 Datasheet HTML 2Page - Burr-Brown (TI) BUF06703 Datasheet HTML 3Page - Burr-Brown (TI) BUF06703 Datasheet HTML 4Page - Burr-Brown (TI) BUF06703 Datasheet HTML 5Page - Burr-Brown (TI) BUF06703 Datasheet HTML 6Page - Burr-Brown (TI) BUF06703 Datasheet HTML 7Page - Burr-Brown (TI) BUF06703 Datasheet HTML 8Page - Burr-Brown (TI) BUF06703 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BUF07703
BUF06703
BUF05703
SBOS269A – MARCH 2003 – REVISED JUNE 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS: BUF07703
over operating free-air temperature range, VDD = 4.5V to 16V, TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
IDD
Supply Current
ALL
VO = VDD/2, VI = VDD/2
25
°C
1.7
2
mA
IDD
Supply Current
ALL
VO = VDD/2, VI = VDD/2
VDD = 10V
Full Range
3
mA
Buffers 1–3
1
VDD
Common Mode Input Range
Buffers 4–6
25
°C
0
VDD–1
V
Common Mode In ut Range
VCOM Buffer
25 C
1
VDD
V
VCOM buffer sinking
VDD = 10V,
25
°C
1
1.2
VCOM buffer sinking
VDD = 10V,
IO = 1mA to 30mA
Full Range
2.5
VCOM buffer sourcing
VDD = 10V,
25
°C
1
1.2
Load regulation
VCOM buffer sourcing
VDD = 10V,
IO = –1mA to –30mA
Full Range
2.5
mV/mA
Load regulation
Buffers 1 6 sinking
VDD = 10V,
25
°C
0.85
1
mV/mA
Buffers 1–6 sinking
VDD = 10V,
IO = 1mA to 10mA
Full Range
1.5
Buffers 1 6 sourcing
VDD = 10V,
25
°C
0.85
1
Buffers 1–6 sourcing
VDD = 10V,
IO = –1mA to –10mA
Full Range
1.5
VOSH1
High-level
saturated output
Buffer 1
VDD = 16V,
IO = –5mA,
25
°C
15.85
15.9
V
VOSH1
g
saturated output
voltage
Buffer 1
VDD = 16V,
VI = 16V
IO = –5mA,
Full range
15.8
V
VOSL6
Low-level
saturated output
Buffer 6
VDD = 16V,
IO = 5mA,
25
°C
0.1
0.15
V
VOSL6
saturated output
voltage
Buffer 6
VDD = 16V,
VI = 0V
IO = 5mA,
Full range
0.2
V
VOH1
Buffer 1
VDD = 10V,
IO = –10mA,
25
°C
9.75
9.8
V
VOH1
Buffer 1
VDD = 10V,
VI = 9.8V
IO = –10mA,
Full range
9.7
V
VOH2/3
Buffer 2/3
VDD = 10V,
IO = –10mA,
25
°C
9.45
9.5
V
VOH2/3
Buffer 2/3
VDD = 10V,
VI = 9.5V
IO = –10mA,
Full range
9.4
V
VOH4/5
High-level output
Buffer 4/5
VDD = 10V,
IO = –10mA,
25
°C
7.95
8
V
VOH4/5
High-level out ut
voltage
Buffer 4/5
VDD = 10V,
VI = 8V
IO = –10mA,
Full range
7.9
V
VOH6
Buffer 6
VDD = 10V,
IO = –10mA,
25
°C
7.95
8
V
VOH6
Buffer 6
VDD = 10V,
VI = 8V
IO = –10mA,
Full range
7.9
V
VOHCOM
VCOM Buffer
VDD = 10 V,
IO = –30mA,
25
°C
7.95
8
V
VOHCOM
VCOM Buffer
VDD = 10 V,
VI = 8V
IO = –30mA,
Full range
7.9
V
VOL1
Buffer 1
VDD = 10V,
IO = 10mA,
25
°C
2
2.05
V
VOL1
Buffer 1
VDD = 10V,
VI = 2 V
IO = 10mA,
Full range
2.1
V
VOL2/3
Buffer 2/3
VDD = 10V,
IO = 10mA,
25
°C
2
2.05
V
VOL2/3
Buffer 2/3
VDD = 10V,
VI = 2 V
IO = 10mA,
Full range
2.1
V
VOL4/5
Low-level output
Buffer 4/5
VDD = 10V,
IO = 10mA,
25
°C
0.5
0.55
V
VOL4/5
Low-level out ut
voltage
Buffer 4/5
VDD = 10V,
VI = 0.5 V
IO = 10mA,
Full range
0.6
V
VOL6
Buffer 6
VDD = 10V,
IO = 10mA,
25
°C
0.2
0.25
V
VOL6
Buffer 6
VDD = 10V,
VI = 0.2 V
IO = 10mA,
Full range
0.3
V
V
V
Buffer
VDD = 10V,
IO = 30mA,
25
°C
2
2.05
V
VOLCOM
VCOM Buffer
VDD = 10V,
VI = 2V
IO = 30mA,
Full range
2.1
V
(1) Full Range is 0
°C to +85°C.


Similar Part No. - BUF06703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF06703 TI1-BUF06703 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF06703PWG4 TI1-BUF06703PWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF06703PWR TI1-BUF06703PWR Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
More results

Similar Description - BUF06703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com