Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-LN05-B10-01 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-GENE-LN05-B10-01
Description  Onboard 4/5/8-wire Resistive Touch Screen Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-LN05-B10-01 Datasheet(HTML) 2 Page - AAEON Technology

  TF-GENE-LN05-B10-01 Datasheet HTML 1Page - AAEON Technology TF-GENE-LN05-B10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-24
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
GENE-LN05 Rev. B
Part Number
CPU
Chipset
Fan/
Fanless
Display
LVDS
Storage
LAN
USB
RS-
232
RS-
232/422/485
Expansion
Slot
Power
Power Temp
Others
TF-GENE-LN05-B10
Intel® Atom™ D525 ICH8M
Fan
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
2
Mini-Card x 1
+12V, AT/ATX
0°C ~ 60°C
Touch Controller, SIM, DIO x 8
TF-GENE-LN05-B10-01
Intel® Atom™ N455 ICH8M
Fanless
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
1
Mini-Card x 1
+12V, AT/ATX
0°C ~ 60°C
Touch Controller, SIM, DIO x 8
TF-GENE-LN05-B10-02
Intel® Atom™ N455 ICH8M
Fanless
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
1
Mini-Card x 1
+5V, AT/ATX
0°C ~ 60°C
Touch Controller, SIM, DIO x 8
TF-GENE-LN05-B10-03
Intel® Atom™ D525 ICH8M
Fanl
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
1
Mini-Card x 1
+5V, AT/ATX
0°C ~ 60°C
Touch Controller, SIM, DIO x 8
TF-GENE-LN05W1-B10-01
Intel® Atom™ N455 ICH8M
Fanless
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
1
Mini-Card x 1
+12V, AT/ATX
WiTAS 1 (-20°C ~
70°C)
DIO x 8
TF-GENE-LN05W2-B10-01
Intel® Atom™ N455 ICH8M
Fanless
CRT + LVDS
18/24b,
2CH
SATA x 2
CompactFlash™ x 1
GbE x 2
UBS2.0 x 7 5
1
Mini-Card x 1
+12V, AT/ATX
WiTAS 2 (-40°C ~
85°C)
DIO x 8
Ordering Information
PCIe [x1]
Intel®
South Bridge
ICH8M
Intel® Processor
ATOM
N455/D525
Channel A
VGA
SATA II * 2
Touch
SPI
RJ-45
USB 2.0 * 7
Winbond
1ST Super I/O
W83627DHG
CPU FAN
KB/MS
COM1 ~ 2
(COM2 supports RS232/485/422)
HW
Monitor
LPT
RGB
USB 2.0
USB 2.0
SATA
RJ-45
mini-CARD * 2
Audio
COM3~6
8-bit DIO
CFD
HD Audio
IDE
Intel
GbE PHY
i82567V
Intel
GbE
i82583V
18-bit to 24-bit
Transmitter
TPM
(Option)
PCIe [x1]
DDR3 SO-DIMM
18/24-bit LVDS
18-bit LVDS
LPC
PCIe/USB
LPC
Touch
Controller
(Option)
Realtek
Audio Codec
ALC662
Fintek
2nd Super I/O
F81216D
BIOS
GPIO
Expander


Similar Part No. - TF-GENE-LN05-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-LN05-B10-01 AAEON-TF-GENE-LN05-B10-01 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel R Atom Tm N455/ D525 Processor
TF-GENE-LN05-B10-01 AAEON-TF-GENE-LN05-B10-01 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel Atom N455/ D525 Processor
TF-GENE-LN05-B10-01 AAEON-TF-GENE-LN05-B10-01 Datasheet
289Kb / 2P
   CRT, 18/24-bit Single Channel LVDS LCD
More results

Similar Description - TF-GENE-LN05-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-QM77-A AAEON-GENE-QM77-A Datasheet
295Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-B AAEON-GENE-QM77-B Datasheet
293Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com