Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GENE-BT07-A10-0001 Datasheet(PDF) 1 Page - AAEON Technology

Part # GENE-BT07-A10-0001
Description  2 CH Audio, Support 8ohm/2W Speaker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-BT07-A10-0001 Datasheet(HTML) 1 Page - AAEON Technology

  GENE-BT07-A10-0001 Datasheet HTML 1Page - AAEON Technology GENE-BT07-A10-0001 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-1
Note: All specifications are subject to change without notice.
03
Features
Specifications
Packing List
GENE-BT07
3.5” SubCompact Board with Intel® Celeron® J1900 Processor SoC
Optional Accessories
2016/01/6
Part Number
Description
QTY
1709100254
(TF)PHONE JACK Cable. 3P AUDIO JACK. 1*10P 1. 25mm HOUSING(F). 25cm
1
1700050207
(TF)USB CABLE. 1*5P Pitch=1. 25mm Housinh. 20cm. for PFM-945C
9
1701090150
(TF)Flat Cable. D-Sub 9(M). 9P Housing. 9P 1. 25mm pitch Housing. 15cm
6
1704150153
(TF)CRT CABLE. 1*15P Pitch=1. 25mm. Housing. 15cm
1
M16BT05000
(TF)Metal.Al.Heat Sink.60*60*25mm.Silver.C&C.CMFA0260602802-00
1
Intel® Celeron® J1900 Processor SoC
DDR3L 1333 SODIMM Memory Max. up to 8GB
VGA, LVDS, eDP
2 CH Audio, Support 8ohm/2W Speaker
9 USB 2.0 , 6 COM
Mini-Card Slot x 1 (Full-size), mSATA x 1(Half-size)
DC 12V AT Mode Only
Product DVD
GENE-BT07
System
Form Factor
3.5'' SubCompact Board
CPU
Intel® Celeron® J1900 Processor SoC
CPU Frequency
Up to 2.0 GHz
Chipset
Intel® Celeron® J1900 Processor SoC
Memory Type
DDR3L 1333MHz SODIMM x 1
Max. Memory Capacity
Up to 8G
BIOS
UEFI
Wake on LAN
Yes
Watchdog Timer
255 Level
Power Requirement
+12V
Power Supply Type
AT mode only
Power Consumption
(Typical)
Intel® Celeron® J1900, DDR3L 1600MHz 8G,
1.06A@+12V
Dimension (L x W)
5.75" x 4" (146mm x 101.7mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
40°F ~ 176°F (-40°C ~ 81°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
204,000
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® Celeron® J1900 Processor SoC
Video Output
CRT+LVDS+eDP
Backlight inverter supply
18/24-bit dual channel LVDS LCDs
I/O
Ethernet
RTL8111E, RJ-45 x 2
Audio
Realtek ALC892 CODEC, MIC-In
AMP TI3113, Support 8ohm/4W speaker
USB Port
USB2.0 x 9
Serial Port
RS-232 x 6
Parallel Port
HDD Interface
FDD Interface
SSD
mSATA x 1 (half size)
Expansion Slot
Mini-Card x 1 (full-size)
DIO
TPM
Touch
Reserve USB2.0 x 1 connector to expend


Similar Part No. - GENE-BT07-A10-0001

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-BT04 AAEON-GENE-BT04 Datasheet
294Kb / 2P
   dc 12v atx mode
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
More results

Similar Description - GENE-BT07-A10-0001

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
STMicroelectronics
TDA7268 STMICROELECTRONICS-TDA7268 Datasheet
113Kb / 6P
   2 x 2W STEREO AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
March 23, 2011
logo
International Rectifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF_15 Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
logo
Princeton Technology Co...
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
   2W X 2 Stereo Integrated Audio Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com