Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40S-034000AR0 Datasheet(PDF) 5 Page - SICK AG

Part # M40S-034000AR0
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

M40S-034000AR0 Datasheet(HTML) 5 Page - SICK AG

  M40S-034000AR0 Datasheet HTML 1Page - SICK AG M40S-034000AR0 Datasheet HTML 2Page - SICK AG M40S-034000AR0 Datasheet HTML 3Page - SICK AG M40S-034000AR0 Datasheet HTML 4Page - SICK AG M40S-034000AR0 Datasheet HTML 5Page - SICK AG M40S-034000AR0 Datasheet HTML 6Page - SICK AG M40S-034000AR0 Datasheet HTML 7Page - SICK AG M40S-034000AR0 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M40S-034000AR0, M40E-034020RR0 | M4000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Dimensional drawing (Dimensions in mm (inch))
14
(0.55)
6
(0.24)
10.5
(0.41)
52 (2.05)
55.5 (2.19)
27.5
(1.08)
90°
Cable socket M12 angled
(only with AS-Interface:
aligned)
AS-Interface clip M12
(aligned)
Cable socket M12 with cable
(left) and cable plug M12 with
cable (right, optional, only on
receiver)
Laser warning label
(receiver with
integrated alignment
aid only)
Laser output opening
(receiver with
integrated alignment
aid only)
Optional (receiver only):
Design with integrated LED
Mounting ranges for the
brackets
Sliding nut groove for
side mounting
1
1
1
2
2
2
2017-08-24 18:11:25 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Similar Part No. - M40S-034000AR0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M40S-034000AR0 SICK-M40S-034000AR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40S-034000AR0 SICK-M40S-034000AR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40S-034000AR0 SICK-M40S-034000AR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40S-034000AR0 SICK-M40S-034000AR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M40S-034000AR0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com