Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5004 Datasheet(PDF) 6 Page - Harris Corporation

Part # HA5004
Description  100MHz Current Feedback Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA5004 Datasheet(HTML) 6 Page - Harris Corporation

  HA5004 Datasheet HTML 1Page - Harris Corporation HA5004 Datasheet HTML 2Page - Harris Corporation HA5004 Datasheet HTML 3Page - Harris Corporation HA5004 Datasheet HTML 4Page - Harris Corporation HA5004 Datasheet HTML 5Page - Harris Corporation HA5004 Datasheet HTML 6Page - Harris Corporation HA5004 Datasheet HTML 7Page - Harris Corporation HA5004 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Application Information
Theory Of Operation
The HA-5004 is a high performance amplifier that uses
current feedback to achieve its outstanding performance.
Although it is externally configured like an ordinary op amp
in most applications, its internal operation is significantly
different.
Inside the HA-5004, there is a unity gain buffer from the non-
inverting (+) input to the inverting-input (as suggested by the
circuit symbol), and the inverting terminal is a low
impedance point. Error currents are sensed at the inverting
input and amplified; a small change in input current
produces a large change in output voltage. The ratio of
output voltage delta due to input current delta is the
transimpedance of the device.
Steady state current at the inverting input is very small
because the transimpedance is large. The voltage across
the input terminals is nearly zero due to the buffer amplifier.
These two properties are similar to standard op amps and
likewise simplify circuit analysis.
Resistor Selection
The HA-5004 is optimized for a feedback resistor of 250
,
regardless of gain configuration. It is important to note that
this resistor is required even for unity gain applications;
higher gain settings use a second resistor like regular op
amp circuits as shown in Figure 2 below.
Power Supplies
The HA-5004 will operate over a wide range of supply
voltages with excellent performance. Supplies may be either
single-ended or split, ranging from 6V (
±3V) to 36V (±18V).
Appropriate reduction in input and output signal excursion is
necessary for operation at lower supply voltages. Bypass
capacitors from each supply to ground are recommended,
typically a 0.01
µF ceramic in parallel with a 4.7µF
electrolytic.
Current Limit
No internal current limiting is provided for the HA-5004 in
order to maximize bandwidth and slew rate. However, power
is supplied separately to the output stage via pins 1 (VC+)
and 14 (VC-) so that external current limiting resistors may
be used. If required, 100
resistors to each supply rail are
recommended.
Enable/Disable and Thermal
Overload Operation
The HA-5004 operates normally with a TTL low state on pin
7 (OE) but it may be disabled manually by a TTL high state
at this input. When disabled, the output and inverting-input
go to a high impedance state and the circuit is electrically
debiased, reducing supply current by about 5mA. It is
important to keep the differential input voltage below the
absolute maximum rating of 5V when the device is disabled.
If the power dissipation becomes excessive and chip
temperature exceeds approximately 180oC, the HA-5004 will
automatically disable itself. The thermal overload condition
will be indicated by a low state at the TOL output on pin 10.
(TOL is also low for manual shutdown via pin 7). Automatic
thermal shutdown can be bypassed by a TTL high state on
Thermal Overload Inhibit (TOI) pin 6. See the truth table for a
summary of operation.
Offset Adjustment
Offset voltage may be nulled with a 5k
potentiometer
between pins 3 and 4, center tapped to the positive supply.
Setting the slider towards pin 3 (+BAL) increases output
voltage; towards pin 4 (-BAL) decreases output voltage.
Offset can be adjusted by about
±10mV with a 5K pot; this
range is extended with a lower resistance potentiometer.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
BAL
+
VOUT
RF
+5V
-15V
+15V
VIN
NC
TOI
VCC
GND
VEE
VC-
VC+
OE
THERMAL OVERLOAD
TOL
10k
5k
100
100
249
249
+
-
-
FIGURE 2. TYPICAL APPLICATION CIRCUIT, AV = +2
HA-5004


Similar Part No. - HA5004

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA5004 HBH-HA5004 Datasheet
15Kb / 1P
   C-Band 1 W Amplifier
More results

Similar Description - HA5004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com