Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # 1N4002
Description  1A Lesded Type General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

1N4002 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  1N4002 Datasheet HTML 1Page - Chip Integration Technology Corporation 1N4002 Datasheet HTML 2Page - Chip Integration Technology Corporation 1N4002 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
High current capability.
High surge capability.
Open junction chip inside.
Suffix "G" indicates Halogen-free part, ex.1N4001G.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
1N4001 THRU 1N4007
1A Lesded Type General Purpose Rectifiers
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 125 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
1.0
30
A
A
uA
O C
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
R R M
100
200
400
50
600
800
Marking code
1N4002
1N4003
1N4004
1N4001
1N4005
1N4006
Symbol
1N4007
1N4002
1N4003
1N4004
1N4001
1N4005
1N4006
1N4007
1000
100
200
400
50
600
800
1000
700
C
J
Diode junction capacitance
15
pF
R
θ J A
Thermal resistance
50
O C/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-21G02
Revised Date : 2016/12
Revision : C1
DO-41(DO-204AL)
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-204AL / DO-41
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 0.33 gram
O
0.375"(9.5mm) lead length at T = 75 C
L
-55 ~ +150
Max.
forward voltage
O
@1.0A, T = 25 C
A
V (V)
F
1.10
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.205 (5.21)
.165 (4.19)
.034 (0.9)
.028 (0.7)
DIA.
.117 (2.97)
.080 (2.00)
DIA.
Operating Junction
O
temperature T ( C)
J


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4002 CENTRAL-1N4002 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
logo
Shindengen Electric Mfg...
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
   General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
   General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
   General Purpose Rectifiers(800V 1A)
S1VBA20 SHINDENGEN-S1VBA20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1NB60 SHINDENGEN-S1NB60 Datasheet
160Kb / 5P
   General Purpose Rectifiers(600V 1A)
M1F60 SHINDENGEN-M1F60 Datasheet
283Kb / 6P
   General Purpose Rectifiers(600V 1A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com