Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS210 Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # ABS210
Description  Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

ABS210 Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  ABS210 Datasheet HTML 1Page - Chip Integration Technology Corporation ABS210 Datasheet HTML 2Page - Chip Integration Technology Corporation ABS210 Datasheet HTML 3Page - Chip Integration Technology Corporation ABS210 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
Document ID : DS-22B46
Revised Date : 2016/08/16
Revision : C1
ABS22 THRU ABS210
Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers


Similar Part No. - ABS210

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ABS210 THINKISEMI-ABS210 Datasheet
457Kb / 2P
   2.0 Ampere Surface Mount Miniature Bridge Rectifier
logo
Shanghai Shunye Electro...
ABS210 SHUNYE-ABS210 Datasheet
364Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
AiT Semiconductor Inc.
ABS210 AITSEMI-ABS210 Datasheet
517Kb / 5P
   BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
logo
Nanjing International G...
ABS210 DGNJDZ-ABS210 Datasheet
366Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Guangdong Kexin Industr...
ABS210 KEXIN-ABS210 Datasheet
477Kb / 3P
   Bridge Rectifier
More results

Similar Description - ABS210

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ABS202 BWTECH-ABS202 Datasheet
344Kb / 4P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
DIYI Electronic Technol...
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201 DYELEC-UDB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB201 DYELEC-EDB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201 DYELEC-DB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB201S DYELEC-EDB201S Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201 DYELEC-DB201_16 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201 DYELEC-UDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201S DYELEC-UDB201S_17 Datasheet
3Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com