Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2200W-S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # B2200W-S
Description  2A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

B2200W-S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  B2200W-S Datasheet HTML 1Page - Chip Integration Technology Corporation B2200W-S Datasheet HTML 2Page - Chip Integration Technology Corporation B2200W-S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Low profile surface mounted application in order to
Suffix "G" indicates Halogen-free part, ex.B220WG-S.
B220W-S THRU B2200W-S
2A Surface Mount Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
160
20
0.1
2.0
50
A
A
mA
OC/W
OC
85
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
SOD-123S
• Case : Molded plastic, SOD-123S
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.018 gram
• Epoxy:UL94-V0 rated flame retardant
Operating temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max. forward voltage
O
@2A, T = 25 C
A
V (V)
F
0.70
0.50
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
RRM
40
60
100
20
150
200
Marking code
B240W-S
B260W-S
B2100W-S
B220W-S
B2150W-S
B2200W-S
Symbol
24
26
210
22
215
220
40
60
100
20
150
200
0.45
0.81
Document ID : DS-12K3O
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1
0.154(3.9)
0.138(3.5)
0.016(0.4) Typ.
0.079(2.0)
0.063(1.6)
0.055(1.4)
0.039(1.0)
0.031 (0.8) Typ.
0.031(0.8) Typ.
0.031(0.8)
0.039(1.0)
Marking code


Similar Part No. - B2200W-S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
B2200W-ST CITC-B2200W-ST Datasheet
104Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B2200W-S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com