Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10S45CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # C10S45CT
Description  10A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C10S45CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  C10S45CT Datasheet HTML 1Page - Chip Integration Technology Corporation C10S45CT Datasheet HTML 2Page - Chip Integration Technology Corporation C10S45CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.4 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Ambient Temperature,T ( C)
A
6
4
2
single phase half wave 60Hz
resistive or inductive load
Fig. 1 - Forward Power Dissipation (per diode)
Average Forward Current,I
(A)
F ( AV )
0
5
10
15
20
8
6
4
2
0
Fig. 2 - Instantaneous Forward
Characteristics
Reverse Voltage,V (V)
R
Fig. 3 - Reverse Characteristics
C10S45CT
10A Trench Schottky Rectifier
Instantaneous Forward Voltage,V (Volts)
F
0
0.1
0.2
0.3
0.4
0.5
0.6
100
10
1
0.1
0.01
T =125°C
A
T =150°C
A
T =75°C
A
T =25°C
A
T =100°C
A
T =50°C
A
0
5
10
15
20
25
30
35
40
45
1000
10
1
0.1
0.01
O
T =25 C
A
O
T =150 C
A
O
T =125 C
A
O
T =100 C
A
O
T =75 C
A
100
O
T =50 C
A
Document ID : DS-11KEX
Revised Date : 2015/05/27
Revision : C2


Similar Part No. - C10S45CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C10S100CT CITC-C10S100CT Datasheet
474Kb / 3P
   10A Trench Schottky Rectifier
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
   10A Trench Schottky Rectifier
More results

Similar Description - C10S45CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF10S100CT CITC-CF10S100CT Datasheet
475Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
   10A Trench Schottky Rectifier
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
   10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10100CT DIODES-SDT10100CT Datasheet
773Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
February 2022 Rev. 4 - 2
logo
Chip Integration Techno...
C10S100CT CITC-C10S100CT Datasheet
474Kb / 3P
   10A Trench Schottky Rectifier
C10U60CT CITC-C10U60CT Datasheet
483Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10A100CT DIODES-SDT10A100CT Datasheet
700Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
March 2022
logo
Chip Integration Techno...
CF10L45CT CITC-CF10L45CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com