Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGP4007W-F Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # BGP4007W-F
Description  1A Surface Mount General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BGP4007W-F Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  BGP4007W-F Datasheet HTML 1Page - Chip Integration Technology Corporation BGP4007W-F Datasheet HTML 2Page - Chip Integration Technology Corporation BGP4007W-F Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction inside.
Suffix "G" indicates Halogen-free part, ex.BGP4001WG-F.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
BGP4001W-F THRU BGP4007W-F
1A Surface Mount General Purpose Rectifiers
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 125 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
1.0
30
A
A
uA
O C
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
R R M
100
200
400
50
600
800
Marking code
BGP4002W-F
BGP4003W-F
BGP4004W-F
BGP4001W-F
BGP4005W-F
BGP4006W-F
Symbol
BGP4007W-F
A2
A3
A4
A1
A5
A6
A7
1000
100
200
400
50
600
800
1000
700
C
J
Diode junction capacitance
15
pF
R
θ J A
Thermal resistance
60
O C/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-22G03
Revised Date : 2016/12
Revision : C1
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123F
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.018 gram
SOD-123F
Marking code
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.067(1.7)
0.051(1.3)
0.028(0.7) Typ.
0.028(0.7) Typ.
-55 ~ +150
Max.
forward voltage
O
@1.0A, T = 25 C
A
V (V)
F
1.10
Operating Junction
O
temperature T ( C)
J


Similar Part No. - BGP4007W-F

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
BGP4007W-S CITC-BGP4007W-S Datasheet
91Kb / 3P
   1A Surface Mount General Purpose Rectifiers
BGP4007W-ST CITC-BGP4007W-ST Datasheet
92Kb / 3P
   1A Surface Mount General Purpose Rectifiers
More results

Similar Description - BGP4007W-F

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
BGP4001W-ST CITC-BGP4001W-ST Datasheet
92Kb / 3P
   1A Surface Mount General Purpose Rectifiers
GS1AAS CITC-GS1AAS Datasheet
458Kb / 3P
   1A Surface Mount General Purpose Rectifiers
GS1R CITC-GS1R Datasheet
578Kb / 3P
   1A Surface Mount General Purpose Rectifiers
GS1A CITC-GS1A Datasheet
459Kb / 3P
   1A Surface Mount General Purpose Rectifiers
BGP4001W-S CITC-BGP4001W-S Datasheet
91Kb / 3P
   1A Surface Mount General Purpose Rectifiers
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com