Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA13 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P4SMA13
Description  6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P4SMA13 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P4SMA13 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA13 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA13 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA13 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA13 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8 to 440Volts 400W SMD TRANSIENT VOLTAGE SUPPRESSORS
3 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2. VBR measured with IT current pulse = 300ms
3. For Bi-Directional devices havingVRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
P4SMA SERIES
P4SMA SERIES
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA6.8
P4SMA6.8C
5.50
6.12
7.48
10
10.8
38.0
1000.0
P4SMA6.8A
P4SMA6.8CA
10.5
40.0
1000.0
P4SMA7.5
P4SMA7.5C
6.05
6.75
8.25
10
11.7
36.0
500.0
P4SMA7.5A
P4SMA7.5CA
6.40
7.13
7.88
10
11.3
37.0
500.0
P4SMA8.2
P4SMA8.2C
6.63
7.38
9.02
10
12.5
33.0
200.0
P4SMA8.2A
P4SMA8.2CA
7.02
7.79
8.61
10
12.1
35.0
200.0
P4SMA9.1
P4SMA9.1C
7.37
8.19
10.0
1.0
13.8
30.0
50.0
P4SMA9.1A
P4SMA9.1CA
7.78
8.65
9.55
1.0
13.4
31.0
50.0
P4SMA10
P4SMA10C
9.00
11.0
1.0
15.0
28.0
10.0
P4SMA10A
P4SMA10CA
55
9.50
10.5
1.0
14.5
29.0
10.0
P4SMA11
P4SMA11C
92
9.90
12.1
1.0
16.2
26.0
5.0
P4SMA11A
P4SMA11CA
9.40
10.5
11.6
1.0
15.6
27.0
5.0
P4SMA12
P4SMA12C
9.72
10.8
13.2
1.0
17.3
24.0
5.0
P4SMA12A
P4SMA12CA
10.2
11.4
12.6
1.0
16.7
25.0
5.0
P4SMA13
P4SMA13C
11.7
14.3
1.0
19.0
22.0
5.0
P4SMA13A
P4SMA13CA
11.1
12.4
13.7
1.0
18.2
23.0
5.0
P4SMA15
P4SMA15C
12.1
13.5
16.5
1.0
22.0
19.0
5.0
P4SMA15A
P4SMA15CA
12.8
14.3
15.8
1.0
21.2
20.0
5.0
P4SMA16
P4SMA16C
12.9
14.4
17.6
1.0
23.5
18.0
5.0
P4SMA16A
P4SMA16CA
13.6
15.2
16.8
1.0
22.5
19.0
5.0
P4SMA18
P4SMA18C
14.5
16.2
19.8
1.0
26.5
16.0
5.0
P4SMA18A
P4SMA18CA
15.3
17.1
18.9
1.0
25.2
17.0
5.0
P4SMA20
P4SMA20C
16.2
18.0
22.0
1.0
29.1
14.0
5.0
P4SMA20A
P4SMA20CA
17.1
19.0
21.0
1.0
27.7
15.0
5.0
P4SMA22
P4SMA22C
17.8
19.8
24.2
1.0
31.9
13.0
5.0
P4SMA22A
P4SMA22CA
18.8
20.9
23.1
1.0
30.6
14.0
5.0
P4SMA24
P4SMA24C
19.4
21.6
26.4
1.0
34.7
12.0
5.0
P4SMA24A
P4SMA24CA
20.5
22.8
25.2
1.0
33.2
13.0
5.0
P4SMA27
P4SMA27C
24.3
29.7
1.0
39.1
11.0
5.0
P4SMA27A
P4SMA27CA
23.1
25.7
28.4
1.0
37.5
11.2
5.0
P4SMA30
P4SMA30C
24.3
27.0
33.0
1.0
43.5
10.0
5.0
P4SMA30A
P4SMA30CA
25.6
28.5
31.5
1.0
41.4
10.0
5.0
P4SMA33
P4SMA33C
26.8
29.7
36.3
1.0
47.7
9.0
5.0
P4SMA33A
P4SMA33CA
28.2
31.4
34.7
1.0
45.7
9.0
5.0
P4SMA36
P4SMA36C
29.1
32.4
39.6
1.0
52.0
8.0
5.0
P4SMA36A
P4SMA36CA
30.8
34.2
37.8
1.0
49.9
8.4
5.0
5.80
6.45
7.14
10
8.10
8.
8.
10.5
21.8
Alldatasheet


Similar Part No. - P4SMA13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA13 WTE-P4SMA13 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA13 DGNJDZ-P4SMA13 Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA13 TSC-P4SMA13 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P4SMA13 HORNBY-P4SMA13 Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA13 TSC-P4SMA13 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA13

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com