Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB22 Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6SMB22
Description  6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6SMB22 Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6SMB22 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB22 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB22 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB22 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB22 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
4 of 5
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB33
P6SMB33A
P6SMB36
P6SMB36A
P6SMB33C
P6SMB33CA
P6SMB36C
P6SMB36CA
26.8
28.2
29.1
30.8
29.7
31.4
32.4
34.2
36.3
34.7
39.6
37.8
1.0
1.0
1.0
1.0
47.7
45.7
52.0
49.9
12.6
13.1
11.5
12.0
5.0
5.0
5.0
5.0
P6SMB39
P6SMB39A
P6SMB43
P6SMB43A
P6SMB39C
P6SMB39CA
P6SMB43C
P6SMB43CA
31.6
33.3
34.8
36.8
35.1
37.1
38.7
40.9
42.9
41.0
47.3
45.2
1.0
1.0
1.0
1.0
56.4
53.9
61.9
59.3
10.6
11.1
9.7
10.1
5.0
5.0
5.0
5.0
P6SMB47
P6SMB47A
P6SMB51
P6SMB51A
P6SMB47C
P6SMB47CA
P6SMB51C
P6SMB51CA
38.1
40.2
41.3
43.6
42.3
44.7
45.9
48.5
51.7
49.4
56.1
53.6
1.0
1.0
1.0
1.0
67.8
64.8
73.5
70.1
8.8
9.3
8.2
8.6
5.0
5.0
5.0
5.0
P6SMB56
P6SMB56A
P6SMB62
P6SMB62A
P6SMB56C
P6SMB56CA
P6SMB62C
P6SMB62CA
45.4
47.8
50.2
53.0
50.4
53.2
55.8
58.9
61.6
58.8
68.2
65.1
1.0
1.0
1.0
1.0
80.5
77.0
89.0
85.0
7.5
7.8
6.7
7.1
5.0
5.0
5.0
5.0
P6SMB68
P6SMB68A
P6SMB75
P6SMB75A
P6SMB68C
P6SMB68CA
P6SMB75C
P6SMB75CA
55.1
58.1
60.7
64.1
61.2
64.6
67.5
71.3
74.8
71.4
82.5
78.8
1.0
1.0
1.0
1.0
98.0
92.0
108
103
6.1
6.5
5.6
5.8
5.0
5.0
5.0
5.0
P6SMB82
P6SMB82A
P6SMB91
P6SMB91A
P6SMB82C
P6SMB82CA
P6SMB91C
P6SMB91CA
66.4
70.1
73.7
77.8
73.8
77.9
81.9
86.5
90.2
86.1
100
95.5
1.0
1.0
1.0
1.0
118
113
131
125
5.1
5.3
4.6
4.8
5.0
5.0
5.0
5.0
P6SMB100
P6SMB100A
P6SMB110
P6SMB110A
P6SMB100C
P6SMB100CA
P6SMB110C
P6SMB110CA
81.0
85.5
89.2
94.0
90.0
95.0
99.0
105
110
105
121
116
1.0
1.0
1.0
1.0
144
137
158
152
4.2
4.4
3.8
3.9
5.0
5.0
5.0
5.0
P6SMB120
P6SMB120A
P6SMB130
P6SMB130A
P6SMB120C
P6SMB120CA
P6SMB130C
P6SMB130CA
97.2
102
105
111
108
114
117
124
132
126
143
137
1.0
1.0
1.0
1.0
173
165
187
179
3.5
3.6
3.2
3.4
5.0
5.0
5.0
5.0
P6SMB150
P6SMB150A
P6SMB160
P6SMB160A
P6SMB150C
P6SMB150CA
P6SMB160C
P6SMB160CA
121
128
130
136
135
143
144
152
165
158
176
168
1.0
1.0
1.0
1.0
215
207
230
219
2.8
2.9
2.6
2.7
5.0
5.0
5.0
5.0
UNI/BI-DIRECTIONAL 6.8 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB SERIES
P6SMB SERIES
Alldatasheet


Similar Part No. - P6SMB22

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB22 MOTOROLA-P6SMB22 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6SMB22 SUNMATE-P6SMB22 Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB22 TSC-P6SMB22 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P6SMB22 HORNBY-P6SMB22 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB22 TSC-P6SMB22 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB22

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com