Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB33A Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6SMB33A
Description  6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6SMB33A Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6SMB33A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB33A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB33A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB33A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB33A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
5 of 5
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB170
P6SMB170A
P6SMB180
P6SMB180A
P6SMB170C
P6SMB170CA
P6SMB180C
P6SMB180CA
138
145
146
154
153
162
162
171
187
179
198
189
1.0
1.0
1.0
1.0
244
234
258
246
2.5
2.6
2.3
2.4
5.0
5.0
5.0
5.0
P6SMB200
P6SMB200A
P6SMB220
P6SMB220A
P6SMB200C
P6SMB200CA
P6SMB220C
P6SMB220CA
162
171
175
185
180
190
198
209
220
210
242
231
1.0
1.0
1.0
1.0
287
274
344
328
2.1
2.2
1.7
1.8
5.0
5.0
5.0
5.0
P6SMB250
P6SMB250A
P6SMB300
P6SMB300A
P6SMB250C
P6SMB250CA
P6SMB300C
P6SMB300CA
202
214
243
256
225
237
270
285
275
263
330
315
1.0
1.0
1.0
1.0
360
344
430
414
1.7
1.7
1.4
1.4
5.0
5.0
5.0
5.0
P6SMB350
P6SMB350A
P6SMB400
P6SMB400A
P6SMB350C
P6SMB350CA
P6SMB400C
P6SMB400CA
284
300
324
342
315
333
360
380
385
368
440
420
1.0
1.0
1.0
1.0
504
482
574
548
1.2
1.2
1.0
1.1
5.0
5.0
5.0
5.0
P6SMB440
P6SMB440A
P6SMB440C
P6SMB440CA
356
376
396
418
484
462
1.0
1.0
631
602
0.95
1.0
5.0
5.0
UNI/BI-DIRECTIONAL 6.8 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB SERIES
P6SMB SERIES
Alldatasheet


Similar Part No. - P6SMB33A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB33A VISHAY-P6SMB33A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB33A CENTRAL-P6SMB33A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB33A CHENDA-P6SMB33A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB33A EIC-P6SMB33A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB33A HUAXINAN-P6SMB33A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB33A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com